Electronic Components Datasheet Search
  English  ▼

X  

CC0201MP5 Datasheet(PDF) 13 Page - YAGEO Corporation

Part # CC0201MP5
Description  Surface Mount Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0201MP5 Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button CC0201MP5 Datasheet HTML 9Page - YAGEO Corporation CC0201MP5 Datasheet HTML 10Page - YAGEO Corporation CC0201MP5 Datasheet HTML 11Page - YAGEO Corporation CC0201MP5 Datasheet HTML 12Page - YAGEO Corporation CC0201MP5 Datasheet HTML 13Page - YAGEO Corporation CC0201MP5 Datasheet HTML 14Page - YAGEO Corporation CC0201MP5 Datasheet HTML 15Page - YAGEO Corporation CC0201MP5 Datasheet HTML 16Page - YAGEO Corporation CC0201MP5 Datasheet HTML 17Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.yageo.com
Dec. 06, 2022 V.30
General Purpose & High Cap. X5R 4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
13
20
Product specification
Fig. 8 Impedance ESR vs. frequency characteristics for multilayer chip capacitors
Size 1210 10 µF / 25 V
Solid lines: Impedance / Dotted lines: ESR
0.00
100.00
YNM0028
0.10
1.00
10.00
100.00
0.01
0.01
0.10
1.00
10.00
f (MHz)
SOLDERING RECOMMENDATION
Table 12
SOLDERING
METHOD
SIZE
0201
0402
0603
0805
1206
≥ 1210
Reflow
Reflow only
> 100 nF
> 1µF
> 2.2 µF
> 2.2 µF
Reflow only
Reflow/Wave
≤ 100 nF
≤ 1µF
≤ 2.2 µF
≤ 2.2 µF
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com