Electronic Components Datasheet Search
  English  ▼

X  

XC61CC0801PR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC61CC0801PR
Description  Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61CC0801PR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC61CC0801PR Datasheet HTML 5Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 6Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 7Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 8Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 9Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 10Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 11Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 12Page - Torex Semiconductor XC61CC0801PR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
XC61C
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
●
Low Voltage (Continued)
(4) N-ch Driver Output Current vs. VDS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
0.7V
VIN =0.8V
Ta=25℃
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
VIN =1.0V
Ta=25℃
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
0.7V
VIN =0.8V
Ta=25℃
0
2.0
4.0
6.0
8.0
0
0.2 0.4
0.6
0.8
1.0
1.2
1.4
VDS (V)
VIN =1.4V
Ta=25℃
1.2V
1.0V
XC61CC0902
(0.9V)
XC61CC1102
(1.1V)
XC61CC1502
(1.5V)
XC61CC1502
(1.5V)
(5) N-ch Driver Output Current vs. Input Voltage
0
0.5
1.0
1.5
2.0
2.5
0
0.2
0.4
0.6
0.8
1.0
VDS=0.5V
Ta=85℃
-40℃
25℃
0
1.0
2.0
3.0
4.0
5.0
0
0.2
0.4
0.6
0.8
1.0
1.2
VDS=0.5V
Ta=-40℃
80℃
25℃
0
2
4
6
8
10
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
VDS=0.5V
Ta=-40℃
85℃
25℃
XC61CC0902
(0.9V)
XC61CC1102
(1.1V)
XC61CC1502
(1.5V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
(6) P-ch Driver Output Current vs. Input Voltage
0
2
4
6
8
10
12
01
234
5
6
VDS=2.1V
0.5V
Ta= 25℃
1.5V
1.0V
0
2
4
6
8
10
12
01
234
56
VDS=2.1V
0.5V
Ta= 25℃
1.5V
1.0V
0
2
4
6
8
10
12
01
23
45
6
VDS=2.1V
0.5V
Ta= 25℃
1.5V
1.0V
XC61CC0902
(0.9V)
XC61CC1102 
(1.1V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC61CC1502
(1.5V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
0.7V
VIN =0.8V
Ta=25℃
XC61CC1102
(1.1V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com