Electronic Components Datasheet Search
  English  ▼

X  

XC62E Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62E
Description  Boosting Voltage Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62E Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62E Datasheet HTML 1Page - Torex Semiconductor XC62E Datasheet HTML 2Page - Torex Semiconductor XC62E Datasheet HTML 3Page - Torex Semiconductor XC62E Datasheet HTML 4Page - Torex Semiconductor XC62E Datasheet HTML 5Page - Torex Semiconductor XC62E Datasheet HTML 6Page - Torex Semiconductor XC62E Datasheet HTML 7Page - Torex Semiconductor XC62E Datasheet HTML 8Page - Torex Semiconductor XC62E Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
XC62E Series
SERIES
CE
OUTPUT VOLTAGE
H
ON
XC62ER
L
OFF
H
OFF
XC62EP
L
ON
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
R
: Positive
①
CE Pin Logic
P
: Negative
② ③
Output Voltage
15 ~ 60
: e.g. VOUT 1.5V
②=1, ③=5
VOUT 6.0V
②=6, ③=0
④
Temperature Characteristics
0
:
±100ppm (TYP.)
⑤
Output Voltage Accuracy
2
:
±2%
⑥
Package
M
: SOT-25
R
: Embossed tape, standard feed
⑦
Device Orientation
L
: Embossed tape, reverse feed
PIN NUMBER
PIN NAME
FUNCTION
1
VSS
Ground
2
VIN
Supply Voltage Input
3
VOUT
Regulated Voltage Output
4
EXT
Base Current Control
5
CE/CE
Chip Enable
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC62E
①②③④⑤⑥⑦
■FUNCTION
H=High level
L=Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com