Electronic Components Datasheet Search
  English  ▼

X  

DTP Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # DTP
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTP Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button DTP Datasheet HTML 8Page - TE Connectivity Ltd DTP Datasheet HTML 9Page - TE Connectivity Ltd DTP Datasheet HTML 10Page - TE Connectivity Ltd DTP Datasheet HTML 11Page - TE Connectivity Ltd DTP Datasheet HTML 12Page - TE Connectivity Ltd DTP Datasheet HTML 13Page - TE Connectivity Ltd DTP Datasheet HTML 14Page - TE Connectivity Ltd DTP Datasheet HTML 15Page - TE Connectivity Ltd DTP Datasheet HTML 16Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
DT Series Technical Manual
Accessories
The Deutsch range of Back Shells is designed to snap fix onto the full range of standard DT connectors (i.e. without end cap). The innovative design
allows each unit to accommodate several different sizes of slit or unslit corrugated tubes.
They are available for both plugs and receptacles and the options include straight (1800) and right angled (900) adaptors for 2, 3, 4, 6, 8 and 12 way,
additionally a version equipped with strain relief features 2, 3, 4 and 6 way for jacked cables.
Back Shells
Receptacle 1800
b
a
L
H
Plug 900
Connector
DT04-2P
DT06-2S
DT04-3P
DT06-3S
DT04-4P
DT06-4S
DT04-6P
DT06-6S
DT-04-8P
DT06-8S
DT04-12P
DT06-12S
180
180
90
90
180
180
90
90
180
180
90
90
180
180
90
90
180
180
90
90
180
180
90
90
180
180
90
90
180
180
90
90
180
90
180
90
180
90
180
90
18,0
18,0
18,0
18,0
16,0
16,0
16,0
16,0
25,0
25,0
25,0
25,0
21,0
21,0
21,0
21,0
22,0
22,0
22,0
22,0
20,0
20,0
20,0
20,0
26,0
26,0
26,0
26,0
23,5
23,5
23,5
23,5
27,5
27,5
26,5
24,5
26,0
26,0
23,0
23,0
17,0
17,0
17,0
17,0
17,0
17,0
17,0
17,0
23,0
23,0
23,0
23,0
23,0
23,0
23,0
23,0
22,0
22,0
22,0
22,0
22,0
22,0
22,0
22,0
21,5
21,5
21,5
21,5
20,0
20,0
21,0
21,0
28,0
28,0
28,5
28,5
35,5
36,5
36,0
36,0
54,5
54,5
40,0
40,0
45,5
45,5
31,0
31,0
64,5
64,5
44,0
44,0
56,0
56,0
36,0
36,0
59,5
59,5
43,0
43,0
53,0
53,0
35,0
35,0
64,0
64,0
43,0
43,0
55,5
55,5
38,0
38,0
62,0
47,5
57,0
39,5
63,5
53,0
58,5
43,5
-
-
37,0
37,0
-
-
37,0
37,0
-
-
48,0
48,0
-
-
48,0
48,0
-
-
45,0
45,0
-
-
45,0
45,0
-
-
50,0
50,0
-
-
50,0
50,0
-
50,5
-
49,0
-
50,5
-
50,0
61031-23
61031-33
61031-24
61031-34
61031-25
61031-35
61031-26
61031-36
61051-23
61051-33
61051-24
61051-34
61051-25
61051-35
61051-26
61051-36
61048-23
61048-33
61048-24
61048-34
61048-25
61048-35
61048-26
61048-36
61057-23
61057-33
61057-24
61057-34
61057-25
61057-35
61057-26
61057-36
61049-33
61049-34
61049-35
61049-36
61052-33
61052-34
61052-35
61052-36
1011-257-0205
1011-229-0205
1011-258-0205
1011-230-0205
1011-255-0205
1011-227-0205
1011-256-0205
1011-228-0205
1011-261-0305
1011-233-0305
1011-262-0305
1011-234-0305
1011-259-0305
1011-231-0305
1011-260-0305
1011-232-0305
1011-265-0405
1011-237-0405
1011-266-0405
1011-238-0405
1011-263-0405
1011-235-0405
1011-264-0405
1011-236-0405
1011-269-0605
1011-241-0605
1011-270-0605
1011-242-0605
1011-267-0605
1011-239-0605
1011-268-0605
1011-240-0605
1011-245-0805
1011-246-0805
1011-243-0805
1011-244-0805
1011-249-1205
1011-250-1205
1011-247-1205
1011-248-1205
Outlet
Strain Relief
Envelope Dimensions (mm)
Item No.
a
b
L
H
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Part No.
Tube Size by Connector and Additional Length (mm) needed
Material: PA 6.6 / black
IP rating: IP40
Operating Temperatures: -40 to 1250 C
Handling Temperature: -5 to 450 C
L
b
a
b
L
a
Plug 1800
a
b
L
Receptacle 900
H
14
A STEP AHEAD
DT Series Manual #50907.indd 14
7/31/2008 5:14:38 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com