Electronic Components Datasheet Search
  English  ▼

X  

CC0402MP6 Datasheet(PDF) 16 Page - YAGEO Corporation

Part # CC0402MP6
Description  Surface Mount Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0402MP6 Datasheet(HTML) 16 Page - YAGEO Corporation

Back Button CC0402MP6 Datasheet HTML 12Page - YAGEO Corporation CC0402MP6 Datasheet HTML 13Page - YAGEO Corporation CC0402MP6 Datasheet HTML 14Page - YAGEO Corporation CC0402MP6 Datasheet HTML 15Page - YAGEO Corporation CC0402MP6 Datasheet HTML 16Page - YAGEO Corporation CC0402MP6 Datasheet HTML 17Page - YAGEO Corporation CC0402MP6 Datasheet HTML 18Page - YAGEO Corporation CC0402MP6 Datasheet HTML 19Page - YAGEO Corporation CC0402MP6 Datasheet HTML 20Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.yageo.com
Dec. 06, 2022 V.30
General Purpose & High Cap. X5R 4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
16
20
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Resistance to
Soldering
Heat
4.9
Precondition: 150 +0/–10 °C for 1 hour, then keep for
24 ± 1 hours at room temperature
Preheating: for size ≤ 1206: 120 °C to 150 °C for 1
minute
Preheating: for size >1206: 100 °C to 120 °C for 1
minute and 170 °C to 200 °C for 1 minute
Solder bath temperature: 260 ± 5 °C
Dipping time: 10 ± 0.5 seconds
Recovery time: 24 ±2 hours
Dissolution of the end face plating shall
not exceed 25% of the length of the
edge concerned
<General purpose series>
∆C/C
Class2:
X5R: ± 10%
<High Capacitance series>
∆C/C
Class2:
X5R: ± 10%
D.F. within initial specified value
Rins within initial specified value
Solderability
4.10
Preheated the temperature of 80 °C to 140 °C and
maintained for 30 seconds to 60 seconds.
1. Temperature: 235± 5°C / Dipping time: 2 ± 0.5 s
2. Temperature: 245± 5°C / Dipping time: 3 ± 0.5 s
(lead free)
Depth of immersion: 10mm
The solder should cover over 95% of
the critical area of each termination
Rapid Change
of
Temperature
IEC 60384-
21/22
4.11
Preconditioning;
150 +0/–10 °C for 1 hour, then keep for 24 ± 1 hours at
room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ± 2 hours
No visual damage
<General purpose series>
∆C/C
Class2:
X5R: ± 15%
<High Capacitance series>
∆C/C
Class2:
X5R: ± 15%
D.F. meet initial specified value
Rins meet initial specified value
Voltage Proof IEC 60384-1 4.6
1. Specified stress voltage applied for 1~5 seconds
2. Ur ≤ 100 V: series applied 2.5 Ur
3. 100 V < Ur ≤ 200 V series applied (1.5 Ur + 100)
4. 200 V < Ur ≤ 500 V series applied (1.3 Ur + 100)
Charge/Discharge current is less than 50 mA
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com