Electronic Components Datasheet Search
  English  ▼

X  

HCPL-673X Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # HCPL-673X
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-673X Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button HCPL-673X Datasheet HTML 6Page - Broadcom Corporation. HCPL-673X Datasheet HTML 7Page - Broadcom Corporation. HCPL-673X Datasheet HTML 8Page - Broadcom Corporation. HCPL-673X Datasheet HTML 9Page - Broadcom Corporation. HCPL-673X Datasheet HTML 10Page - Broadcom Corporation. HCPL-673X Datasheet HTML 11Page - Broadcom Corporation. HCPL-673X Datasheet HTML 12Page - Broadcom Corporation. HCPL-673X Datasheet HTML 13Page - Broadcom Corporation. HCPL-673X Datasheet HTML 14Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Broadcom
- 13 -
6N140A, HCPL-675x, 83024, HCPL-570x, HCPL-177K, 5962-89810, HCPL-573x, HCPL-673x,
5962-89785, 5962-98002
Data Sheet
Typical Characteristics
Figure 11 Operating Circuit for Burn-In and Steady State Life Tests
* ALL CHANNELS TESTED SIMULTANEOUSLY.
VOC
CONDITIONS: IF = 10 mA
IO = 40 mA
TA = +125°C
VCC + 18 V
VIN
+ –
(EACH OUTPUT)
(EACH INPUT)
0.01 F
2
3
4
1
7
5
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com