Electronic Components Datasheet Search
  English  ▼

X  

MCT6 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCT6
Description  8-Pin Dual Channel Phototransistor Optocouplers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCT6 Datasheet(HTML) 2 Page - ON Semiconductor

  MCT6 Datasheet HTML 1Page - ON Semiconductor MCT6 Datasheet HTML 2Page - ON Semiconductor MCT6 Datasheet HTML 3Page - ON Semiconductor MCT6 Datasheet HTML 4Page - ON Semiconductor MCT6 Datasheet HTML 5Page - ON Semiconductor MCT6 Datasheet HTML 6Page - ON Semiconductor MCT6 Datasheet HTML 7Page - ON Semiconductor MCT6 Datasheet HTML 8Page - ON Semiconductor MCT6 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT6, MCT61, MCT62 Rev.1.6
August 2016
MCT6, MCT61, MCT62
8-Pin Dual Channel Phototransistor Optocouplers
Features
• Two Isolated Channels Per Package
• Safety and Regulatory Approvals:
– UL1577, 5,000 VACRMS for 1 Minute
– DIN-EN/IEC60747-5-5, 890 V Peak Working
Insulation Voltage
Applications
• AC line/digital logic – isolate high voltage transients
• Digital logic/digital logic – eliminate spurious grounds
• Digital logic/AC triac control – isolate high voltage
• transients
• Twisted pair line receiver – eliminate ground loop
• feedthrough
• Telephone/telegraph line receiver – isolate high
• voltage transients
• High frequency power supply feedback control –
• maintain floating grounds and transients
• Relay contact monitor – isolate floating grounds and
• transients
• Power supply monitor – isolate transients
Description
The general purpose optocouplers, MCT6, MCT61, and
MCT62, have two isolated channels in a standard plastic
8-pin dual-in-line (DIP) package for density applications.
Each channel consists of a gallium arsenide infrared
emitting diode driving a NPN silicon planar
phototransistor. For four channel applications, two
packages fit into a standard 16-pin DIP socket.
Functional Schematic
Package Outlines
8
1
8
1
8
1
EMITTER
COLLECTOR
ANODE
CATHODE
1
2
3
4
5
6
7
8
EMITTER
COLLECTOR
ANODE
CATHODE
Figure 2. Package Outlines
Figure 1. Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com