Electronic Components Datasheet Search
  English  ▼

X  

DLX713X Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DLX713X
Description  5x7 Dot Matrix Intelligent Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLX713X Datasheet(HTML) 1 Page - OSRAM GmbH

  DLX713X Datasheet HTML 1Page - OSRAM GmbH DLX713X Datasheet HTML 2Page - OSRAM GmbH DLX713X Datasheet HTML 3Page - OSRAM GmbH DLX713X Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
May 31, 2000-13
Package
Thirty-five dots form a 0.48 x 0.68 inch overall character size in
a 0.700 x 0.800 inch dual-in-line package. The ±50 degree wide
viewing angle complements the large display and is the ideal
display for industrial control applications. Display construction is
filled reflector type with the intregrated circuit in the back also
filled with IC-grade epoxy. This results in a very rugged part
which is resistant to moisture, shock, and vibration.
Figure 2. Physical dimensions in inches (mm)
Pin 1
Indicator
Device Marking
Begins Over
Pin 1
.800
(20.32)
.125 (3.18)
1.00
(2.54)
typ.
.295
(7.49)
.018
(.45)
sq.
.325
(8.26)
EIA Date
Code
.080
(2.03)
diam. ref.
.075 (1.91)
ref.
.150
(3.81)
.100
(2.54)
typ.
.700
(17.78)
.50
(12.70)
ref.
.600
(15.24)
DLO7135
Z
Luminous
Intensity
Code
1.00 (2.54)
typ.
.050
(1.27)
.48
(12.19)
.68
(17.27)
.160
(4.06)
This application note is intended to serve as a design and appli-
cation guide for users of the DLO7135 and DLG7137 OSRAM
Intelligent Displays. This appnote covers device electrical
description, operation, general circuit design considerations
and interfacing to microprocessors.
Electrical Description
The DLX713X intelligent alphanumeric 5x7 dot matrix display
contains memory, character generator, multiplexing circuits,
and drivers built into a single package.
Figure 1 is a block diagram of the DLX713X. The unit consists
of 35 LED die arranged in a 5x7 pattern and a single CMOS
integrated circuit chip. The IC chip contains the column drivers,
row drivers, 128 character generator ROM, memory, multiplex
and blanking circuitry.
Figure 1. DLX713X block diagram
D0
D1
D2
D3
D4
D5
D6
Column
Driver
Multiplex
Circuitry
WR
CE
BL0 BL1 L1
The DLX713X, 5x7 Dot Matrix
Intelligent Display® Device
Appnote 25


Similar Part No. - DLX713X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DLX-16-MS TEC-DLX-16-MS Datasheet
1Mb / 4P
Rectangular Connector Hoods & Bases
08/07/2021 12:41PM
logo
OSRAM GmbH
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
Intelligent Display Products
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
Intelligent Display Device
DLX3416 OSRAM-DLX3416 Datasheet
246Kb / 5P
Intelligent Display Device
More results

Similar Description - DLX713X

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
52Kb / 1P
0.68 5x7 Dot Matrix Display
logo
List of Unclassifed Man...
XMUR50C ETC1-XMUR50C Datasheet
166Kb / 3P
50mm (2.0) 5x7 DOT MATRIX DISPLAY
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
China Semiconductor Cor...
CSM-57171EG CHINASEMI-CSM-57171EG Datasheet
256Kb / 7P
1.2 Inch 5X7 Dot-Matrix Display
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
1.2 Inch 5X7 Dot-Matrix Display
logo
Kingbright Corporation
TA20-11SURKWA KINGBRIGHT-TA20-11SURKWA Datasheet
342Kb / 6P
50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SYKWA KINGBRIGHT-TA20-11SYKWA Datasheet
340Kb / 6P
50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com