Electronic Components Datasheet Search
  English  ▼

X  

DLO4135 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DLO4135
Description  5 x 7 Dot Matrix Intelligent Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLO4135 Datasheet(HTML) 1 Page - OSRAM GmbH

  DLO4135 Datasheet HTML 1Page - OSRAM GmbH DLO4135 Datasheet HTML 2Page - OSRAM GmbH DLO4135 Datasheet HTML 3Page - OSRAM GmbH DLO4135 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
May 31, 2000-13
The DLO4135/DLG4137
5 x 7 Dot Matrix Intelligent Display®
Appnote 28
for industrial control applications. Display construction is filled
reflector type with the integrated circuit in the back also filled
with IC-grade epoxy. This results in a very rugged part which is
resistant to moisture, shock and vibration.
Figure 2. Physical dimensions in inches (mm)
Table 1. DLO4135/DLG4137 pin functions
Pin
Function
Pin
Function
1LT Lamp Test
9
D0 data LSB
2WR Write
10
D1 data
3
BL1 Brightness
11
D2 data
4
BL0 Brightness
12
D3 data
5
No Pin
13
D4 data
6
No Pin
14
D5 data
7CE Chip Enable
15
D6 data MSB
8
GND
16
+VCC
.043
(1.09)
.065 typ.
(.165)
.012
(.30)
.100
(2.54)
.300
(7.62)
.43
(10.92)
.235
(5.97)
.30
(7.62)
.100
(2.54)
.500 max.
(12.7)
DLO4135 Z
1.00 max.
(25.4)
EIA date
code
Luminous
intensity code
Device marking
begins over pin 1
.14 min.
(3.56)
.310
(7.87)
.310
(7.87)
.100 (2.54) typ.
0.18 ± .02
(4.57) (.51)
.100 (2.54)
This application note is intended to serve as a design and appli-
cation guide for users of the DLO4135 and DLG4137 OSRAM
Intelligent Displays. This appnote covers device electrical
description, operation, general circuit design considerations,
and interfacing to microprocessors.
Electrical Description
The DLO4135/DLG4137 Intelligent Alphanumeric 5x7 Dot
Matrix Display contains memory, character generator, multi-
plexing circuits, and drivers built into a single package.
Figure 1 is a block diagram of DLO4135/DLG4137. The unit
consists of 35 LED die arranged in a 5x7 pattern and a single
CMOS integrated circuit chip. The IC chip contains the column
drivers, row drivers, 128 character generator ROM, memory,
multiplex and blanking circuitry.
Figure 1. DLO4135/DLG4137 block diagram
Thirty-five dots form a 0.30 x 0.43 inch overall character size in
a.500 x 1.00 inch dual-in-line package. The ±50 degree wide
viewing angle complements the display and is the ideal display
D0
D1
D2
D3
D4
D5
D6
Multiplex
Circuitry
Column
Driver
Character
ROM
ROW
Driver
WR
CE
BL0 BL1 LT


Similar Part No. - DLO4135

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLO4135 SIEMENS-DLO4135 Datasheet
167Kb / 4P
43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
More results

Similar Description - DLO4135

ManufacturerPart #DatasheetDescription
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
C-3570X ETC-C-3570X Datasheet
93Kb / 1P
1.2 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Lite-On Technology Corp...
LTP-757KR LITEON-LTP-757KR Datasheet
149Kb / 5P
0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Lucky Light Electronic
KWM-19571 LUCKY-LIGHT-KWM-19571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (1.9mm Dot) LED Display
KWM-30571 LUCKY-LIGHT-KWM-30571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30572XY LUCKY-LIGHT-KWM-30572XY Datasheet
70Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-50571 LUCKY-LIGHT-KWM-50571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (5.0mm Dot) LED Display
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
5 x 7 DOT MATRIX LED DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com