Electronic Components Datasheet Search
  English  ▼

X  

SAB80515 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SAB80515
Description  Alphanumeric Programmable Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SAB80515 Datasheet(HTML) 6 Page - OSRAM GmbH

  SAB80515 Datasheet HTML 1Page - OSRAM GmbH SAB80515 Datasheet HTML 2Page - OSRAM GmbH SAB80515 Datasheet HTML 3Page - OSRAM GmbH SAB80515 Datasheet HTML 4Page - OSRAM GmbH SAB80515 Datasheet HTML 5Page - OSRAM GmbH SAB80515 Datasheet HTML 6Page - OSRAM GmbH SAB80515 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Appnote 49
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
6
May 31, 2000-14
0044 F8
61
MOV
R0,A
;Pointer in the RAM buffer
0045 7600
62
MOV
@R0,#00H
;Displayed so far
0047 7820
63
MOV
R0,#20H
;Beginning of the RAM buffer
0049 E6
64
MOV
A,@R0
;Read the character
004A C0E0
65
PUSH
ACC
;Save it
004C 08
66
AGAIN:
INC
R0
;Next location in RAM buffer
004D E6
67
MOV
A,@R0
;Read the next character
004E 18
68
DEC
R0
;Back to first character
004F F6
69
MOV
@R0,A
;Replace with second character
0050 08
70
INC
R0
;Process repeats
0051 DDF9
71
DJNZ
R5,AGAIN
;Moving character backwards
0053 08
72
INC
R0
0054 7600
73
MOV
@R0,#00H
;End of character buffer
0056 D0E0
74
POP
ACC
;Restore character
0058 7820
75
CONT0:
MOV
R0,#20H
;Beginning of character buffer
005A E9
76
MOV
A,R1
;Check if end of character buffer
005B 6087
77
JZ
OPTS
005D 120071
78
CALL
OUTC
0060 C2AF
79
CLR
IEN0.7
;Disable interrupt
0062 1200A4
80
CALL
WAITA
;Before delay
0065 75A881
81
MOV
IEN0,#81H
;Enable interrupt
0068 D288
82
SETB
IT0
;INT0 control bit
006A 012D
83
AJMP
SHIF
84
85
;
86
;
87
;
88
006C A3
89
NEXTC:
INC
DPTR
006D 7400
90
MOV
A,#0
006F 93
91
MOVC
A,@A+DPTR
;Move the character to Acc.
0070 22
92
RET
93
94
;
95
;
96
;
97
;
98
;
99
0071 C0E0
100
OUTC:
PUSH
ACC
0073 C082
101
PUSH
DPL
0075 C083
102
PUSH
DPH
0077 7A04
103
MOV
R2,#4
;For four digits (0 to 3) in a chip
0079 901004
104
MOV
DPTR,#1004H
;Digit 0 in first display chip
007C 120098
105
CALL
OUTC0
007F 902004
106
MOV
DPTR,#2004H
;Digit 0 in second display chip
0082 120098
107
CALL
OUTC0
0085 904004
108
MOV
DPTR,#4004H
;Digit 0 in third display chip
0088 120098
109
CALL
OUTC0
008B 908004
110
MOV
DPTR,#8004H
;Digit 0 in fourth display chip
008E 120098
111
CALL
OUTCO
0091 D083
112
POP
DPH
0093 0082
113
POP
DPL
0095 D0E0
114
POP
ACC
0097 22
115
RET
116
117
;
118
;
119
;
120
;
121
;
122
0098 E6
123
OUTC0:
MOV
A,@R0
The routine moves a character of the message to ACC.
This routine displays and moves a character over the four digits of
the PD2435 and then repeats for the next display chip and so on.
This is a nested subroutine. It moves a nonzero hex value (ASCII)
from left to right of the four digit display.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com