Electronic Components Datasheet Search
  English  ▼

X  

8149 Datasheet(PDF) 1 Page - SNA Europe

Part # 8149
Description  80-Series Diagonal cutters Tip cutter, 8149
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINDSTROM [SNA Europe]
Direct Link  https://www.lindstromtools.com/
Logo LINDSTROM - SNA Europe

8149 Datasheet(HTML) 1 Page - SNA Europe

  8149 Datasheet HTML 1Page - SNA Europe  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
These cutters are made from high performance ball bearing steel, black oxidised. Numerically controlled machine grinding
guarantees edge angle accuracy and contact which increases the tools reliability and consistency.
Precision induction hardened edges, 63-65 HRC. Handles in synthetic material and come with return spring.
The cutting capacity that is given is for copper wire!
This Tip cutter is ideal for use with multi-lead components and for rework.
"CO" standard handle shape in conductive material.
"DS" slip-on handle in dissipative material.
80-Series Diagonal cutters Tip cutter, 8149
A
mm
B
mm
C
mm
D
mm
E
mm
G
mm
H
mm
8149
0051106
10
114
14
5
6
5
5 3.2 0.1-0.6 Flush 48
8149CO
0103386
1
114
14
5
6
5
5 3.2 0.1-0.6 Flush 48
8149DS
0106363
10
114
14
5
6
5
5 3.2 0.1-0.6 Flush 48
Bahco Group - Product Card
25/09/2003
http://extranet.bahco.com/catalogue/ProdCard.asp?showOnlyOne=true&this_might_p...


Similar Part No. - 8149

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8149 NTE-8149 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Keystone Electronics Co...
8149 KEYSTONE-8149 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Agilent(Hewlett-Packard...
81490A HP-81490A Datasheet
118Kb / 4P
Reference Transmitter
logo
Festo Corporation.
8149580 FESTO-8149580 Datasheet
73Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
More results

Similar Description - 8149

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8130 ETC1-8130 Datasheet
30Kb / 1P
Diagonal cutters oval
56801 ETC2-56801 Datasheet
198Kb / 1P
Electronic Diagonal Cutters
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212487 PHOENIX-1212487 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP-1
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212489 PHOENIX-1212489 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SB
1212494 PHOENIX-1212494 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-E
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
1212832 PHOENIX-1212832 Datasheet
42Kb / 2P
Diagonal cutter - CUTFOX-SE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com