Electronic Components Datasheet Search
  English  ▼

X  

DLX1414 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DLX1414
Description  Intelligent Display Products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLX1414 Datasheet(HTML) 4 Page - OSRAM GmbH

  DLX1414 Datasheet HTML 1Page - OSRAM GmbH DLX1414 Datasheet HTML 2Page - OSRAM GmbH DLX1414 Datasheet HTML 3Page - OSRAM GmbH DLX1414 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Appnote 15
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
4
May 31, 2000-12
Figure 8. 16-digit parallel I/O
Figure 8 illustrates a 16-character display with an 8080 system
using the 8255 programmable peripheral interface I/O device.
The following program will display a simple 16 character mes-
sage using this interface.
Program for 16-Character Message
INT:
MVI A,80H
OUT CON-
TROLMVI B,00H
;CONTROL DATA MODE 0
;LOAD CONTROL REGISTER
;SET COUNTER =0
DISP:
LXI H, TABLE
;SET TABLE ADDRESS
DISP1:
MOV A,M
OUT PORTA
MOV A, B
CALL DSPWT
INX H
INR B
MVI A, 10H
CMP B
JNZ DISP1
HALT
;MOVE TABLE DATA TO
ACCUMULATOR
;LOAD DATA PORT
;LOAD ADDRESS AND CONTROL
;INCREMENT TABLE ADDRESS
;INCREMENT COUNTER
;SET # OF DIGITS
;16 CHARACTERS ?
;END OF PROGRAM
DSPWT: ORI F0H
OUT PORTB
ANI 7FH
OUT PORTB
ORI F0H
OUT PORTB
RET
;SET CONTROL BITS OFF
;LOAD CONTROL
;SET WRITE BIT ON
;LOAD WRITE
;SET WRITE BIT OFF
;LOAD CONTROL
TABLE:
DL
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
;0C3H
;0C9H
;0D4H
;0D3H
;0C1H
;0D4H
;0CEH
;0C1H
;0C6H
;0A0H
;0D3H
;0D4H
;0C8H
;0C7H
;0C9H
;0CCH
8255
Display
Po rt A 0 – 6
Port B
A
B
3
2
1
0
Vcc
GND
Data
Control
8080
P
System
A0
A1
A2
A3
0
1
2
3
4
5
6
7
7442
D15
D0
WR
Display
WR
Display
WR
Display
WR
C
D
D0 – D6
WR
2
I/O or Memory Mapped Addressing
Some designers may wish to avoid the additional cost of a par-
allel l/O in their system. Structuring the addressing architecture
for the DLX1414 to look like a set of peripheral or output
devices (I/O mapped) or RAMs and ROMs (memory mapped),
is very easy. Figure 9 shows the simplicity of interfacing to
microprocessors, such as 8080, Z80 and 6502 as examples.
The interface with the 6800 microprocessor in Figure 10 illus-
trates the need for designers to check the timing requirements
of the DLX1414 and the LP. The typical data output hold time is
only 30 ns for DBE=02 timing; two inverters in the DBE line are
added to increase the data output hold time for compatibility
with the 50 ns minimum spec of the DLX1414.
Figure 9. Mapped interface
Figure 10. Gating the write pulse
Conclusion
Although other manufacturers’ products are used in examples, this
application note does not imply specific endorsement, or recom-
mendation or warranty of other manufacturer’s products by Infineon
/ OSRAM.
The interface schemes shown demonstrate the simplicity of
using the DLX1414 with microprocessors. The slight differences
encountered with different microprocessors to interface with
the DLX1414 are similar to those encountered when using dif-
ferent RAMs The techniques used in the examples were shown
for their generality. The user will undoubtedly invent other
schemes to optimize his particular system to its requirements.
Address
Dis play
Select
Decoder
Optional
Buffers
Reset
Int
Hold
Wait
Display Display Display Display
8080
Z80
6502
D15
D0
OSC
A0
A1
A2
A3
Data 0-6
WR
Address
Data
Control
Data
0
1
2
3
A
B
C
D
Address
DBE
Decoder
Data
Address
H1
H2
01
02
Clock
Driver
6800
BA
VMA
R/W
CE CE
Reset
NMI
Halt
IRQ
TSC
A0, A1
D0–D7
Display
Display
Display
Display
Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com