Electronic Components Datasheet Search
  English  ▼

X  

XC62RPP1501TB Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC62RPP1501TB
Description  Positive Voltage Regulators for Voltage Reference Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62RPP1501TB Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC62RPP1501TB Datasheet HTML 6Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 7Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 8Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 9Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 10Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 11Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 12Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 13Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 14Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
XC62RP
Series
MARK
POLARITY
P
+ (Positive)
MARK
VOLTAGE (V)
A
0.x
B
1.x
C
2.x
D
3.x
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
A
x.0
F
x.5
B
x.1
H
x.6
C
x.2
K
x.7
D
x.3
L
x.8
E
x.4
M
x.9
MARK
②
③
OUTPUT VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
TEMPERATURE CHARACTERISTICS
0
±
100 ppm (TYP.)
MARK
OUTPUT VOLTAGE ACCURACY
1
Within ±1% (semi-custom)
2
Within ±2%
MARK
PRODUCTION YEAR
3
2003
4
2004
■
MARKING RULE
①
Not used
②
Represents integer of output voltage
③
Represents decimal number of output voltage
④
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
●
SOT-23, SOT-89
●
TO-92
①
Represents polarity of output voltage
②③
Represents output voltage
⑦
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
④
Represents temperature characteristics
⑤
Represents output voltage accuracy
⑥
Represents a least significant digit of production year
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
①
②
③ ④
12
3
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com