Electronic Components Datasheet Search
  English  ▼

X  

31DF6 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 31DF6
Description  Diode Ultra Fast
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

31DF6 Datasheet(HTML) 1 Page - Multicomp Pro

  31DF6 Datasheet HTML 1Page - Multicomp Pro 31DF6 Datasheet HTML 2Page - Multicomp Pro 31DF6 Datasheet HTML 3Page - Multicomp Pro 31DF6 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
08/02/13
Diode
Ultra Fast
Features:
• High efficiency, low VF
• High current capability
• High reliability
• High surge current capability
• Low power loss
Specifications:
Mechanical Data:
Cases
: Moulded plastic
Lead
: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed
Polarity
: Colour band denotes cathode end
High temperature soldering guaranteed
: 260°C/10 seconds/0.375ʺ, (9.5mm) lead lengths at 5lbs., (2.3kg) tension
Weight
: 1.2g
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbol
31DF4
31DF6
Units
Maximum Recurrent Peak Reverse Voltage
Vrrm
400
600
V
Maximum RMS Voltage
Vrms
280
420
Maximum DC Blocking Voltage
Vdc
400
600
Maximum Average Forward Rectified Current
0.375 (9.5mm) Lead Length at Ta = 29°C
(Note 1)
Tl = 109°C
I(av)
1.2
3
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method)
Ifsm
45
Maximum Instantaneous Forward Voltage
at 3A
Vf
1.7
V
Maximum DC Reverse Current at Ta = 25°C
at Rated DC Blocking Voltage at Ta = 125°C
Ir
20
100
μA
Note 1. Without Fin or PC Board.


Similar Part No. - 31DF6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF6 NIEC-31DF6 Datasheet
23Kb / 2P
FRD - LOW POWER LOSS, HIGH EFFICIENCY
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
31DF6 TSC-31DF6 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF6 BILIN-31DF6 Datasheet
61Kb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
More results

Similar Description - 31DF6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
Vishay Siliconix
FE5A VISHAY-FE5A Datasheet
166Kb / 6P
Ultra Fast Sinterglass Diode
11-Aug-04
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
New Jersey Semi-Conduct...
FE3A NJSEMI-FE3A Datasheet
112Kb / 3P
Ultra Fast Sinterglass Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
Ultra Fast Recovery Diode
logo
GOOD-ARK Electronics
MUR1060FCT GOOD-ARK-MUR1060FCT Datasheet
354Kb / 7P
Ultra Fast Recover diode
logo
Rohm
RFN2VWM2S ROHM-RFN2VWM2S Datasheet
1Mb / 8P
Ultra Fast Recovery Diode
2022/01/24_Rev.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com