Electronic Components Datasheet Search
  English  ▼

X  

39455 Datasheet(PDF) 1 Page - Honeywell Miller

Part # 39455
Description  DESOLDERING GUNS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILLER [Honeywell Miller]
Direct Link  
Logo MILLER - Honeywell Miller

39455 Datasheet(HTML) 1 Page - Honeywell Miller

  39455 Datasheet HTML 1Page - Honeywell Miller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M118 www.ripley-tools.com
NB: All Anti-Static Desoldering Guns comply with European Standards CECC 15,
relating to the safeguarding of static sensitive components.
PRODUCT (Part Number)
A B C D E
DSG PRM 587 (39455)
4
4
190 20 20 3 1.5 56 39503 39512
DSG 587 AS (39467)
4
4 4
190 20 20 3 1.5 56 39505 39512
DSG 59802 AS (39459)
4
4 4
154 14 15.5 3 1.5 35 39504 39514
VALUVAC 574 AS (39461)
4 4 4
184 26 20 3 1.5 39 39508
FLEXIVAC 2006 (39463)
4 4
4 206 26 30 5 2 42 39506
FLEXIVAC 2009 (39466)
4
4
4 198 26 30 5 2 60 39506
39459
DSG MINI AS 59802
Mini Antistatic De-soldering Tool
39467
DSG 587 AS
The anitstatic version of
the DSGPRM
39461
VALUVAC 574 AS
Black antistatic plastic bodied
VAL-U-VAC with PTFE nozzle
39463
FLEXIVAC 2006
Black plastic bodied VAL-U-VAC
with the flexi nozzle
39466
FLEXIVAC 2009
3 position antistatic FLEXIVAC
with the flexi nozzle
• Complete range of professional quality desoldering
tools for solder removal
• Tools feature PTFE or silicon rubber nozzles
(see below)
• Extraction springs located outside the vacuum
chamber to prevent solder sticking and promote
long life
• Anti-static gun versions feature carbon
impregnated tips and polished aluminum bodies
to provide conduction from the desoldering point
through to the operator (some plastic bodies, see
below)
DESOLDERING GUNS
39455
DSG PRM 587
DSG PRM De-soldering Tool
fitted with micronozzle


Similar Part No. - 39455

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3945 ADAFRUIT-3945 Datasheet
1Mb / 3P
Zero Stem for Pi Zero 1.3 and Pi Zero W 1.1
logo
ERNI Electronics
394570 ERNI-394570 Datasheet
52Kb / 1P
MSpeed Federl. 90 PM
logo
TE Connectivity Ltd
394570-E TEC-394570-E Datasheet
66Kb / 2P
5-pin, right angle, THR
394570-E
logo
ERNI Electronics
394571 ERNI-394571 Datasheet
56Kb / 1P
MSpeed Federl. 90 PM THR
394572 ERNI-394572 Datasheet
54Kb / 1P
MSpeed Messerl. 90 PM
More results

Similar Description - 39455

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
Desoldering Gun for HAKKO 474.475
A1042 ETC1-A1042 Datasheet
1Mb / 24P
Desoldering Tool
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
MFR-1300 Desoldering System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
Desoldering & Rework Stations
PH-1500 ETC2-PH-1500 Datasheet
617Kb / 4P
PROHEAT LCD Heat Guns
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
DESOLDERING BRAID
HG-752A ETC2-HG-752A Datasheet
128Kb / 1P
Master Heat Guns Kits
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
17502 AVEN-17502 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 7pc
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com