Electronic Components Datasheet Search
  English  ▼

X  

0827015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0827015
Description  UC-WMC 5,6 (30X8) OG CUS - Conductor marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0827015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0827015 Datasheet HTML 1Page - PHOENIX CONTACT 0827015 Datasheet HTML 2Page - PHOENIX CONTACT 0827015 Datasheet HTML 3Page - PHOENIX CONTACT 0827015 Datasheet HTML 4Page - PHOENIX CONTACT 0827015 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, can be ordered: by sheet, orange, labeled according to customer
specifications, cable diameter range: 4.2 ... 5.6 mm, mounting type: clip on, Number of individual
labels: 6, text field height: 8 mm, text field width: 30 mm
Your advantages
The UC-WMC ... UniCard labeling range includes markers for captive labeling of control lines to cable sheaths with large diameters
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0827015
Packing unit
1 pc
Minimum order quantity
5 pc
Note
Made to order (non-returnable)
Sales key
BG24
Product key
BG8127
GTIN
4046356478830
Weight per piece (including packing)
11.19 g
Weight per piece (excluding packing)
10.69 g
Customs tariff number
49119900
Country of origin
PL
UC-WMC 5,6 (30X8) OG CUS - Conductor marker
0827015
https://www.phoenixcontact.com/us/products/0827015
Jul 15, 2025, 1:17AM
Page 1 (5)


Similar Part No. - 0827015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0827010 PHOENIX-0827010 Datasheet
183Kb / 5P
UC-WMC 5,6 (23X8) VT CUS - Conductor marker
0827011 PHOENIX-0827011 Datasheet
186Kb / 5P
UC-WMC 5,6 (23X8) YE CUS - Conductor marker
0827012 PHOENIX-0827012 Datasheet
187Kb / 6P
UC-WMC 5,6 (30X8) CUS - Conductor marker
0827013 PHOENIX-0827013 Datasheet
189Kb / 5P
UC-WMC 5,6 (30X8) BU CUS - Conductor marker
0827014 PHOENIX-0827014 Datasheet
187Kb / 5P
UC-WMC 5,6 (30X8) GN CUS - Conductor marker
More results

Similar Description - 0827015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0818852 PHOENIX-0818852 Datasheet
61Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) RD
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0825374 PHOENIX-0825374 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (23X5,5) VT
09/11/2020
0818195 PHOENIX-0818195 Datasheet
50Kb / 2P
Conductor marker - UC-WMC 4,4 (23X 5,5)
30.05.2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com