Electronic Components Datasheet Search
  English  ▼

X  

0827554 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0827554
Description  UC-WMCO 2,1 (21X3) VT - Conductor marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0827554 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0827554 Datasheet HTML 1Page - PHOENIX CONTACT 0827554 Datasheet HTML 2Page - PHOENIX CONTACT 0827554 Datasheet HTML 3Page - PHOENIX CONTACT 0827554 Datasheet HTML 4Page - PHOENIX CONTACT 0827554 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, Sheet, violet, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, cable diameter range: 1.
6 ... 2.1 mm, mounting type: slide-on, Number of individual labels: 40
Your advantages
The UC-WMCO ... UniCard labeling range includes thread-on markers for the subsequent labeling of conductors by simply sliding them on using
the UC-WMCO ... TOOL
•
The markers, which are supplied in uniform sheets, can be labeled quickly and easily using the BLUEMARK LED
•
The sheets provide space for including function texts
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Secure tight fit even in the event of vibrations
•
Large-surface labeling option in a space-saving design
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0827554
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2217
GTIN
4046356444835
Weight per piece (including packing)
10.6 g
Weight per piece (excluding packing)
9.4 g
Country of origin
PL
UC-WMCO 2,1 (21X3) VT - Conductor marker
0827554
https://www.phoenixcontact.com/us/products/0827554
Jul 15, 2025, 12:27AM
Page 1 (5)


Similar Part No. - 0827554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0827551 PHOENIX-0827551 Datasheet
191Kb / 5P
UC-WMCO 2,1 (21X3) GN - Conductor marker
0827552 PHOENIX-0827552 Datasheet
193Kb / 5P
UC-WMCO 2,1 (21X3) RD - Conductor marker
0827553 PHOENIX-0827553 Datasheet
194Kb / 5P
UC-WMCO 2,1 (21X3) OG - Conductor marker
More results

Similar Description - 0827554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0815910 PHOENIX-0815910 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 6 VT
0819107 PHOENIX-0819107 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 VT
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0824659 PHOENIX-0824659 Datasheet
71Kb / 4P
Marker for terminal blocks - UC-TMF 8 VT CUS
09/12/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0825374 PHOENIX-0825374 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (23X5,5) VT
09/11/2020
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com