Electronic Components Datasheet Search
  English  ▼

X  

MSMXX047 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # MSMXX047
Description  This specification applies to – MSMXX047 – Terminal Block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

MSMXX047 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  MSMXX047 Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCOPE: This specification applies to
– MSMXX047 – Terminal Block
SPECIFICATIONS:
Number of poles: 2
– 12
Sides configuration: 35° Modular
Pitch: 7.62 mm
Voltage: 300 V
Current: 17.5 A
Wire section: 0.05 - 1.5 mm2 / 30 - 12 AWG
Available approvals: UL, VDE, IMQ, CSA
Screw dimensions: M3
Recommended Tightening Torque: 0.5 Nm
PCB thickness: max. 2.4 mm
PBC hole diameter: 1.4 mm
Stripping length: 6.5 mm
Operating temperature range: -40°C to + 105°C
Contact resistance: <15 mOhm
Insulation resistance: >1 GOhm
Screw material: Nickel-plated copper alloy
Terminal contact: Nickel and tin on copper alloy
Clamp tightening: Nickel-plated copper alloy
Insulating housing material: PA polyamide
Color: Green (Standard)
DIMENSIONS:
THE INFORMATION DISCLOSED HEREIN WAS ORIGINATED BY AND
IS THE PROPERTY OF BLOCKMASTER ELECTRONICS INC. AND
EXCEPT FOR USE EXPRESSLY GRANTED TO THE UNITED STATES
GOVERNMENT BLOCKMASTER ELECTRONICS INC.RESERVES ALL
PATENT PROPRIETARY DESIGN, USE, SALE, MANUFACTURING AND
PRODUCTION RIGHTS THERETO. THIS DOES NOT APPLY TO
VENDOR.
Date:
6/11/2017
Terminal Block
Drawing Number:
MSMXX047
All dimensions are in MM unless otherwise specified
BlockMaster Electronics
1400 Howard Street
Elk Grove Village, IL. 60007
Toll Free: 800-595-8881 FAX: 847-956-1690
www.blockmaster.com
BlockMaster
Confidential and
Proprietary


Similar Part No. - MSMXX047

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
MSMXX041 BLOCKMASTER-ELECTRONICS-MSMXX041 Datasheet
167Kb / 1P
This specification applies to – MSMXX041 – Terminal Block
6/11/2017
MSMXX042 BLOCKMASTER-ELECTRONICS-MSMXX042 Datasheet
168Kb / 1P
This specification applies to – MSMXX042 – Terminal Block
6/11/2017
MSMXX043 BLOCKMASTER-ELECTRONICS-MSMXX043 Datasheet
169Kb / 1P
This specification applies to – MSMXX043 – Terminal Block
6/11/2017
MSMXX045 BLOCKMASTER-ELECTRONICS-MSMXX045 Datasheet
165Kb / 1P
This specification applies to – MSMXX045 – Terminal Block
6/11/2017
MSMXX046 BLOCKMASTER-ELECTRONICS-MSMXX046 Datasheet
168Kb / 1P
This specification applies to – MSMXX046 – Terminal Block
6/11/2017
More results

Similar Description - MSMXX047

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-0503 SOBERTON-ST-0503_17 Datasheet
367Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-1411 SOBERTON-ST-1411_17 Datasheet
345Kb / 4P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
logo
Shanghai Leiditech Elec...
UW21T-900M-N LEIDITECH-UW21T-900M-N Datasheet
842Kb / 6P
This specification applies to CUW FILTER
AWCU00453226513TT2 LEIDITECH-AWCU00453226513TT2 Datasheet
665Kb / 6P
This specification applies to CUW FILTER
CUW43T-513T-AU LEIDITECH-CUW43T-513T-AU Datasheet
593Kb / 6P
This specification applies to CUW FILTER
LWCU00452522142Y00 LEIDITECH-LWCU00452522142Y00 Datasheet
980Kb / 8P
This specification applies to BWCU FILTER
LUW0904T-471-N LEIDITECH-LUW0904T-471-N Datasheet
317Kb / 4P
This specification applies to LUW FILTER
logo
Murata Manufacturing Co...
BNX022-01L MURATA1-BNX022-01L Datasheet
445Kb / 14P
This reference specification applies to SMD Block Type EMIFIL.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com