Electronic Components Datasheet Search
  English  ▼

X  

EL-USB-1 Datasheet(PDF) 2 Page - Lascar Electronics

Part # EL-USB-1
Description  Temperature Data Logger with LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics

EL-USB-1 Datasheet(HTML) 2 Page - Lascar Electronics

  EL-USB-1 Datasheet HTML 1Page - Lascar Electronics EL-USB-1 Datasheet HTML 2Page - Lascar Electronics EL-USB-1 Datasheet HTML 3Page - Lascar Electronics EL-USB-1 Datasheet HTML 4Page - Lascar Electronics EL-USB-1 Datasheet HTML 5Page - Lascar Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EL-USB-1-LCD
Temperature Data Logger with LCD
www.lascarelectronics.com
DISPLAY AND STATUS FUNCTIONS
The EL-USB-1-LCD features a high contrast LCD and two LEDs. The LCD shows logged temperature values and can also show information
regarding the logging status.
Temperature
scale
Minimum logged
value symbol
Maximum logged
value symbol
Reading
Negative symbol
The LCD shows three different recorded readings, which can be cycled through using the built-in push button. The most recent logged
temperature, maximum logged temperature and minimum logged temperature can be displayed. In addition, logging and alarm status is
shown using two high intensity LEDs.
LCD INDICATION
Delayed Start
Push to Start
Logging
Stopped
This is shown when the logger is set to
start at a specific data and time*
This is shown when the logger is setup
for “Push to start” logging
This is shown when the logger is running
in “LCD off” mode, and the button is
pressed. The display clears again after
three seconds
If the logger has not been set to log and
the button is pressed, three dashes are
displayed for three seconds
* If the logger is set to “LCD off” or “LCD on for 30 seconds” mode, then this will only be shown
after the button is pressed. Otherwise the display will remain blank.
Display
Logger Status
Explanation
Specifications liable to change without prior warning
Issue 3
03/2011
S.L
Applies to EL-USB-1-LCD
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com