Electronic Components Datasheet Search
  English  ▼

X  

KOM2125 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KOM2125
Description  2fach-Silizium-PIN Fotodiode in SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM2125 Datasheet(HTML) 1 Page - OSRAM GmbH

  KOM2125 Datasheet HTML 1Page - OSRAM GmbH KOM2125 Datasheet HTML 2Page - OSRAM GmbH KOM2125 Datasheet HTML 3Page - OSRAM GmbH KOM2125 Datasheet HTML 4Page - OSRAM GmbH KOM2125 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KOM 2125
KOM 2125 FA
2fach-Silizium-PIN Fotodiode in SMT
2-Chip Silicon PIN Photodiode in SMT
KOM 2125
KOM 2125 FA
2001-02-21
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 400 nm bis 1100 nm und bei 880 nm
(KOM 2125 FA)
• Kurze Schaltzeit (typ. 25 ns)
• geeignet für Vapor-Phase Löten und
IR-Reflow-Löten
• SMT-fähig
Anwendungen
• Nachlaufsteuerungen
• Kantenführung
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
KOM 2125
Q62702-K0047
KOM 2125 FA
Q62702-P5313
Features
• Especially suitable for applications from
400 nm to 1100 nm and of 880 nm
(KOM 2125 FA)
• Short switching time (typ. 25 ns)
• Suitable for vapor-phase and IR-reflow
soldering
• Suitable for SMT
Applications
• Follow-up controls
• Edge drives
• Industrial electronics
• For control and drive circuits


Similar Part No. - KOM2125

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
More results

Similar Description - KOM2125

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
Q65110A2701 OSRAM-Q65110A2701 Datasheet
139Kb / 8P
Silizium-PIN-Fotodiode in SMT und als Reverse Gullwing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com