Electronic Components Datasheet Search
  English  ▼

X  

SFH305 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH305
Description  Mini-NPN-Silizium-Fototransistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH305 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH305_01 Datasheet HTML 1Page - OSRAM GmbH SFH305_01 Datasheet HTML 2Page - OSRAM GmbH SFH305_01 Datasheet HTML 3Page - OSRAM GmbH SFH305_01 Datasheet HTML 4Page - OSRAM GmbH SFH305_01 Datasheet HTML 5Page - OSRAM GmbH SFH305_01 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SFH 305
2001-02-22
3
Kennwerte (
T
A = 25 °C, λ = 950 nm)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
Smax
850
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
460
… 1060
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
0.17
mm
2
Abmessungen der Chipfläche
Dimensions of chip area
L
× B
L
× W
0.6
× 0.6
mm
× mm
Abstand Chipoberfläche zu Gehäuseoberfläche
Distance chip front to case surface
H
1.3
… 1.9
mm
Halbwinkel
Half angle
ϕ± 16
Grad
deg.
Kapazität
Capacitance
V
CE = 0 V, f = 1 MHz, E =0
C
CE
5.5
pF
Dunkelstrom
Dark current
V
CE = 25 V, E =0
I
CEO
3 (
≤ 20)
nA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com