Electronic Components Datasheet Search
  English  ▼

X  

XC62HP2001ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC62HP2001ML
Description  Positive Voltage Regulators (Output ON/OFF)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2001ML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC62HP2001ML Datasheet HTML 2Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 3Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 4Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 5Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 6Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 7Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 8Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 9Page - Torex Semiconductor XC62HP2001ML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6/19
XC62H Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT (E)
(*2)
IOUT=40mA
VIN=6.0V
4,900
5,000
5,100
V
1
Maximum Output Current
IOUT max
VIN=6.0V, VOUT(E)≧4.5V
220
-
-
mA
1
Load Regulation
△
VOUT
VIN=6.0V
1mA≦IOUT≦100mA
-
40
80
mV
1
Vdif1
IOUT=100mA
-
165
320
mV
1
Dropout Voltage
(*3)
Vdif2
IOUT=200mA
-
540
820
mV
1
Supply Current1
ISS1
VIN=VCE=6.0V
-
3.1
8.1
μ
A
2
Supply Current2
ISS2
VIN=6.0V, VCE=VSS
-
-
0.1
μ
A
2
Line Regulation
△
VOUT
△
VIN・△VOUT
IOUT=40mA
6.0V≦VIN≦10.0V
-
0.2
0.3
% / V
1
Input Voltage
△
VIN
-
-
10.0
V
-
Output Voltage
Temperature Characteristics
△
VOUT
△
Topr・△VOUT
IOUT=40mA
-30℃≦Topr≦80℃
-
±
100
-
ppm
/ ℃
1
CE "High" Voltage
VCEH
1.5
-
-
V
1
CE "Low" Voltage
VCEL
-
-
0.25
V
1
CE "High" Current
ICEH
VCE=VIN
-
-
0.1
μ
A
2
CE "Low" Current
ICEL
VCE=VSS
-0.2
-0.05
0
μ
A
2
■
ELECTRICAL CHARACTERISTICS (Continued)
NOTE:
*1: VOUT(T)=Specified output voltage .
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a
certain IOUT value).
*3: Vdif= {VIN1
(*5)-VOUT1 (*4)}
*4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
*5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
Ta=25℃
XC62HR5002 VOUT(T)=5.0V
(*1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com