Electronic Components Datasheet Search
  English  ▼

X  

XC62HP2002ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62HP2002ML
Description  Positive Voltage Regulators (Output ON/OFF)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2002ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62HP2002ML Datasheet HTML 1Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 2Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 3Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 4Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 5Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 6Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 7Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 8Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
XC62H Series
Positive Voltage Regulators (Output ON/OFF)
■
GENERAL DESCRIPTION
The XC62H series are highly precise, low power consumption, positive voltage regulators, manufactured using CMOS and
laser trimming technologies. The series consists of a high precision voltage reference, an error correction circuit, and an
output driver with current limitation.
By way of the CE function, with output turned off, the series enters standby. In the stand-by mode, power consumption is
greatly reduced.
SOT-25 (150mW), SOT-89-5 (500mW) and USP-6B (100mW) packages are available.
In relation to the CE function, as well as the positive logic XC62HR series, a negative logic XC62HP series (custom) is also
available.
■
APPLICATIONS
●
Battery powered equipment
●
Voltage supplies for cellular phones
●
Cameras, Video recorders
●
Palmtops
■
TYPICAL APPLICATION CIRCUIT
■
FEATURES
Maximum Output Current
: 165mA (within max.power
dissipation, VOUT=3.0V)
Output Voltage Range : 2.0V ~ 6.0V in 100mV increments
(1.5V ~ 1.9V semi-custom)
Highly Accurate
: Set-up Voltage ±2%
(±1% for semi-custom products)
Low Power Consumption
: 3.0μA (TYP.) (VOUT=3.0, Output enabled)
: 0.1μA (TYP.) (Output disabled)
Output Voltage Temperature Characteristics
: ±100ppm /℃ (TYP.)
Line Regulation
: 0.2% / V (TYP.)
CMOS Low Power Consumption
Small Dropout
: 0.18V @ 60mA
: 0.58V @ 160mA
Ultra Small Packages : SOT-25 (150mW) mini-mold
SOT-89-5 (500mW) mini-power mold
USP-6B (100mW)
■
TYPICAL PERFORMANCE
CHARACTERISTICS
ETR0312_001


Similar Part No. - XC62HP2002ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HP2002ML TOREX-XC62HP2002ML Datasheet
112Kb / 32P
Positive Voltage Regulators
XC62HP2002ML TOREX-XC62HP2002ML Datasheet
1Mb / 17P
Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HP2002ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
0203_XC62G TOREX-0203_XC62G Datasheet
229Kb / 13P
Positive Voltage Regulators (Output On/Off)
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
Vishay Siliconix
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
logo
Torex Semiconductor
XC62H TOREX-XC62H Datasheet
1Mb / 17P
Positive Voltage Regulators (Output ON/OFF)
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
High Sprred LDO Regulators Output ON-OFF Control
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
High Speed LDO Regulators Output ON-OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com