Electronic Components Datasheet Search
  English  ▼

X  

220APP Datasheet(PDF) 1 Page - Multicomp Pro

Part # 220APP
Description  Side Cutter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

220APP Datasheet(HTML) 1 Page - Multicomp Pro

  220APP Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
03/06/22
Side Cutter
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Cutter, Side, Full Flush, 127mm
220APP
Specifications
Cutter Type
: Side
Cut Type
: Full Flush
Cutting Capacity Copper : 0.8mm (Max.)
Overall Length
: 127mm
Blade Length
: 9.5mm
Blade Angle
: 15 Deg.


Similar Part No. - 220APP

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
220A-04MAF ATTEND-220A-04MAF Datasheet
99Kb / 2P
M Series waterproof connector
2017/01/17
220A-04MAR ATTEND-220A-04MAR Datasheet
99Kb / 2P
M Series waterproof connector
2017/01/17
220A-04MF0 ATTEND-220A-04MF0 Datasheet
99Kb / 2P
M Series waterproof connector
2017/01/17
220A-04MF1 ATTEND-220A-04MF1 Datasheet
99Kb / 2P
M Series waterproof connector
2017/01/17
220A-04MF2 ATTEND-220A-04MF2 Datasheet
99Kb / 2P
M Series waterproof connector
2017/01/17
More results

Similar Description - 220APP

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212793 PHOENIX-1212793 Datasheet
43Kb / 2P
Front cutter - MICROFOX-E_DB
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com