Electronic Components Datasheet Search
  English  ▼

X  

SN54HC10 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC10
Description  TRIPLE 3-INPUT POSITIVE-NAND GATE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC10 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC10 Datasheet HTML 1Page - Texas Instruments SN54HC10 Datasheet HTML 2Page - Texas Instruments SN54HC10 Datasheet HTML 3Page - Texas Instruments SN54HC10 Datasheet HTML 4Page - Texas Instruments SN54HC10 Datasheet HTML 5Page - Texas Instruments SN54HC10 Datasheet HTML 6Page - Texas Instruments SN54HC10 Datasheet HTML 7Page - Texas Instruments SN54HC10 Datasheet HTML 8Page - Texas Instruments SN54HC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN74HC10EP
TRIPLE 3INPUT POSITIVENAND GATE
SCLS558 − JANUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Wide Operating Voltage Range of 2 V to 6 V
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 9 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
The SN74HC10 device contains three independent 3-input NAND gates. It performs the Boolean function
Y = A
• B • C or Y = A + B + C in positive logic.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − D
Tape and reel
SN74HC10QDREP
SHC10EP
−40
°C to 125°C
TSSOP − PW
Tape and reel
SN74HC10QPWREP
SHC10EP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
OUTPUT
Y
H
H
H
L
L
XX
H
X
LX
H
X
X
L
H
logic diagram (positive logic)
A
C
Y
B
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
D OR PW PACKAGE
(TOP VIEW)
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54HC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI-SN54HC10 Datasheet
664Kb / 17P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI1-SN54HC10 Datasheet
1Mb / 20P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI2-SN54HC10 Datasheet
442Kb / 20P
SN74HC10-Q1 Automotive Triple 3-Input NAND Gates
REVISED APRIL 2020
SN54HC10-SP TI1-SN54HC10-SP Datasheet
1Mb / 20P
TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54HC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
Texas Instruments
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-Q1 TI1-SN74HC10-Q1 Datasheet
230Kb / 10P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ACT10-Q1 TI1-SN74ACT10-Q1 Datasheet
183Kb / 9P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI1-SN74ALVC10_15 Datasheet
654Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI1-SN74LVC10A_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com