Electronic Components Datasheet Search
  English  ▼

X  

SN54HC14 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC14
Description  SN74HC14-Q1 Automotive Hex Inverters with Schmitt-Trigger Inputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC14 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC14 Datasheet HTML 1Page - Texas Instruments SN54HC14 Datasheet HTML 2Page - Texas Instruments SN54HC14 Datasheet HTML 3Page - Texas Instruments SN54HC14 Datasheet HTML 4Page - Texas Instruments SN54HC14 Datasheet HTML 5Page - Texas Instruments SN54HC14 Datasheet HTML 6Page - Texas Instruments SN54HC14 Datasheet HTML 7Page - Texas Instruments SN54HC14 Datasheet HTML 8Page - Texas Instruments SN54HC14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
VCC
6A
6Y
5A
5Y
4A
4Y
1A
1Y
2A
2Y
3A
3Y
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HC14-Q1
SCLS532B – AUGUST 2003 – REVISED APRIL 2020
SN74HC14-Q1 Automotive Hex Inverters with Schmitt-Trigger Inputs
1
1 Features
1
•
AEC-Q100 Qualified for automotive applications:
–
Device temperature grade 1:
–40°C to +125°C, TA
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Positive and negative input clamp diodes
•
Wide operating voltage range: 2 V to 6 V
•
Supports fanout up to 10 LSTTL loads
•
Significant power reduction compared to LSTTL
logic ICs
2 Applications
•
Synchronize inverted clock inputs
•
Debounce a switch
•
Invert a digital signal
3 Description
This device contains six independent inverters with
Schmitt-trigger
inputs.
Each
gate
performs
the
Boolean function Y = A in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC14QDRQ1
SOIC (14)
8.70 mm × 3.90 mm
SN74HC14QPWRQ1
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional pinout of the SN74HC14-Q1


Similar Part No. - SN54HC14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54HC14 TI-SN54HC14 Datasheet
665Kb / 17P
HEX SCHMITT-TRIGGER INVERTERS
SN54HC14 TI-SN54HC14 Datasheet
1Mb / 31P
HEX SCHMITT-TRIGGER INVERTERS
SN54HC14 TI1-SN54HC14 Datasheet
1Mb / 30P
SNx4HC14 Hex Schmitt-Trigger Inverters
SN54HC14-SP TI1-SN54HC14-SP Datasheet
1Mb / 30P
Hex Schmitt-Trigger Inverters
More results

Similar Description - SN54HC14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS14 NSC-74LS14 Datasheet
123Kb / 6P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LVC14A DIODES-74LVC14A Datasheet
176Kb / 10P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SNC54LS14J TI-SNC54LS14J Datasheet
131Kb / 8P
54LS14 Hex Inverters with Schmitt Trigger Inputs
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 1
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
74AHC14 DIODES-74AHC14 Datasheet
263Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
Automotive Hex Inverters with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com