Electronic Components Datasheet Search
  English  ▼

X  

SFH3401-3 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH3401-3
Description  NPN-Silizium-Fototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3401-3 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH3401-3 Datasheet HTML 1Page - OSRAM GmbH SFH3401-3 Datasheet HTML 2Page - OSRAM GmbH SFH3401-3 Datasheet HTML 3Page - OSRAM GmbH SFH3401-3 Datasheet HTML 4Page - OSRAM GmbH SFH3401-3 Datasheet HTML 5Page - OSRAM GmbH SFH3401-3 Datasheet HTML 6Page - OSRAM GmbH SFH3401-3 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 3401
2001-12-11
5
Rel. Spectral Sensitivity,
S
rel = f (λ)
Photocurrent
I
PCE = f (TA),
V
CE = 5 V, normalized to 25 °C
Photocurrent
I
PCE = f (VCE) SFH 3401-3
λ
OHF02332
0
rel
S
400
10
20
30
40
50
60
70
80
%
100
500 600 700 800 900
nm 1100
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C
V
OHF00327
ce
0
010
20
30
40
50
60
70
V
mA
pce
Ι
1.0 mW/cm
0.5
1.0
1.5
2.0
2.5
3.0
2
2
0.5 mW/cm
0.25 mW/cm 2
0.1 mW/cm 2
Photocurrent
I
PCE = f (Ee), VCE = 5 V
Dark Current
I
CEO = f (TA), VCE = 10 V, E = 0
Dark Current
I
CEO = f (VCE), E = 0
E
OHF00326
e
-3
10
pce
Ι
-4
10
10
1
mA
2
mW/cm
10
-2
10
0
10
-3
10
-2
10
-1
0
10
1
2
3
T
OHF02342
A
0
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
nA
20
40
60
80
100
˚C
V
OHF02341
CE
0
CEO
Ι
-2
10
10
-1
10
0
10
1
10
2
nA
10
20
30
40
50
70
V
Collector-Emitter Capacitance
C
CE = f (VCE), f = 1 MHz, E = 0
Collector-Base Capacitance
C
CB = f (VCB), f = 1 MHz, E = 0
Emitter-Base Capacitance
C
EB = f (VEB), f = 1 MHz, E = 0
V
OHF02344
CE
CE
C
0
10
-2
-1
10
0
10
1
10
10
2
V
pF
5
10
15
20
V
OHF00332
CB
0
CB
C
5
10
15
20
25
30
35
40
45
50
V
pF
10 -2
-1
10
0
10
1
10
2
10
V
OHF00333
EB
0
EB
C
2
4
6
8
10
12
14
16
18
20
V
pF
10 -2
-1
10
0
10
1
10
2
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com