Electronic Components Datasheet Search
  English  ▼

X  

SN54HC244 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC244
Description  OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC244 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC244 Datasheet HTML 1Page - Texas Instruments SN54HC244 Datasheet HTML 2Page - Texas Instruments SN54HC244 Datasheet HTML 3Page - Texas Instruments SN54HC244 Datasheet HTML 4Page - Texas Instruments SN54HC244 Datasheet HTML 5Page - Texas Instruments SN54HC244 Datasheet HTML 6Page - Texas Instruments SN54HC244 Datasheet HTML 7Page - Texas Instruments SN54HC244 Datasheet HTML 8Page - Texas Instruments SN54HC244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN74HC244EP
OCTAL BUFFER AND LINE DRIVER
WITH 3STATE OUTPUTS
SCLS463A − JULY 2002 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of Up
To −55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D High-Current Outputs Drive Up To 15
LSTTL Loads
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life.
description/ordering information
This octal buffer and line driver is designed specifically to improve both the performance and density of 3-state
memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The SN74HC244 is
organized as two 4-bit buffers/drivers with separate output-enable (OE) inputs. When OE is low, the device
passes noninverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOP − DW
Tape and reel
SN74HC244QDWREP
SHC244EP
−40
°C to 125°C
TSSOP − PW
Tape and reel
SN74HC244QPWREP
SHC244EP
−55
°C to 125°C
SOP − DW
Tape and reel
SN74HC244MDWREP
HC244MEP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each buffer/driver)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DW OR PW PACKAGE
(TOP VIEW)
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54HC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
717Kb / 19P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC244 TI1-SN54HC244 Datasheet
1Mb / 32P
Octal Buffers and Line Drivers With 3-State Outputs
SN54HC244 TI1-SN54HC244 Datasheet
1Mb / 32P
Octal Buffers and Line Drivers With 3-State Outputs
SN54HC244-SP TI1-SN54HC244-SP Datasheet
1Mb / 32P
Octal Buffers and Line Drivers With 3-State Outputs
More results

Similar Description - SN54HC244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
Octal Buffer and Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-Q1 TI1-SN74HC244-Q1 Datasheet
278Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HCT244-Q1 TI1-SN74HCT244-Q1 Datasheet
182Kb / 8P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com