Electronic Components Datasheet Search
  English  ▼

X  

SN54HC623 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC623
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC623 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC623 Datasheet HTML 1Page - Texas Instruments SN54HC623 Datasheet HTML 2Page - Texas Instruments SN54HC623 Datasheet HTML 3Page - Texas Instruments SN54HC623 Datasheet HTML 4Page - Texas Instruments SN54HC623 Datasheet HTML 5Page - Texas Instruments SN54HC623 Datasheet HTML 6Page - Texas Instruments SN54HC623 Datasheet HTML 7Page - Texas Instruments SN54HC623 Datasheet HTML 8Page - Texas Instruments SN54HC623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC623, SN74HC623
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCLS149C – DECEMBER 1982 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current 3-State Outputs Can Drive Up
To 15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 8 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Lock Bus-Latch Capability
D True Logic
description/ordering information
These octal bus transceivers are designed for
asynchronous two-way communication between
data buses. The control-function implementation
allows for maximum flexibility in timing.
The ’HC623 devices allow data transmission from
the A bus to the B bus or from the B bus to the A
bus, depending upon the logic levels at the
output-enable (OEAB and OEBA) inputs.
OEAB and OEBA disable the device so that the
buses are effectively isolated. The dual-enable
configuration gives the transceivers the capability
to store data by simultaneously enabling OEAB
and OEBA. Each output reinforces its input in this
transceiver configuration. When both OEAB and
OEBA are enabled and all other data sources to
the two sets of bus lines are in the high-impedance
state, both sets of bus lines (16 total) remain at
their last states. The 8-bit codes appearing on the
two sets of buses are identical.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74HC623N
SN74HC623N
40
°Cto85°C
SOIC
DW
Tube
SN74HC623DW
HC623
–40
°C to 85°C
SOIC – DW
Tape and reel
SN74HC623DWR
HC623
SOP – NS
Tape and reel
SN74HC623NSR
HC623
CDIP – J
Tube
SNJ54HC623J
SNJ54HC623J
–55
°C to 125°C
CFP – W
Tube
SNJ54HC623W
SNJ54HC623W
LCCC – FK
Tube
SNJ54HC623FK
SNJ54HC623FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54HC623 ...J OR W PACKAGE
SN74HC623 ...DW, N, OR NS PACKAGE
(TOP VIEW)
SN54HC623 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OEBA
B1
B2
B3
B4
B5
B6
B7
B8
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7


Similar Part No. - SN54HC623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC623 TI-SN54HC623 Datasheet
111Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HC623 TI1-SN54HC623 Datasheet
1Mb / 15P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HC623FK TI-SN54HC623FK Datasheet
111Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HC623J TI-SN54HC623J Datasheet
111Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HC623W TI-SN54HC623W Datasheet
111Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54HC623

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com