Electronic Components Datasheet Search
  English  ▼

X  

XC62HP2002PL Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC62HP2002PL
Description  Positive Voltage Regulators (Output ON/OFF)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2002PL Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC62HP2002PL Datasheet HTML 11Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 12Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 13Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 14Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 15Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 16Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 17Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 18Page - Torex Semiconductor XC62HP2002PL Datasheet HTML 19Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18/19
XC62H Series
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
0.x
-
0
0.x
1
1.x
-
1
1.x
2
2.x
-
2
2.x
3
3.x
-
3
3.x
4
4.x
-
4
4.x
5
5.x
-
5
5.x
6
6.x
-
6
6.x
7
7.x
-
7
7.x
8
8.x
-
8
8.x
9
9.x
-
9
9.x
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
x.0
-
0
x.0
1
x.1
-
1
x.1
2
x.2
-
2
x.2
3
x.3
-
3
x.3
4
x.4
-
4
x.4
5
x.5
-
5
x.5
6
x.6
-
6
x.6
7
x.7
-
7
x.7
8
x.8
-
8
x.8
9
x.9
-
9
x.9
■
MARKING RULE
●
SOT-25, SOT-89-5
① ② ③ ④
12
3
54
SOT-25
(TOP VIEW)
①
Represents integer of the output voltage
②
Represents decimal number of the output voltage
③
Based on internal standards
④
Represents assembly lot number.
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
52
4
12
3
SOT-89-5
(TOP VIEW)
■
REFERENCE PATTERN LAYOUT DIMENSIONS
●
USP-6B
Note: Recommended metal mask design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com