Electronic Components Datasheet Search
  English  ▼

X  

CD4016BC Datasheet(PDF) 2 Page - ON Semiconductor

Part # CD4016BC
Description  Quad Bilateral Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CD4016BC Datasheet(HTML) 2 Page - ON Semiconductor

  CD4016BC Datasheet HTML 1Page - ON Semiconductor CD4016BC Datasheet HTML 2Page - ON Semiconductor CD4016BC Datasheet HTML 3Page - ON Semiconductor CD4016BC Datasheet HTML 4Page - ON Semiconductor CD4016BC Datasheet HTML 5Page - ON Semiconductor CD4016BC Datasheet HTML 6Page - ON Semiconductor CD4016BC Datasheet HTML 7Page - ON Semiconductor CD4016BC Datasheet HTML 8Page - ON Semiconductor CD4016BC Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: If the switch input is held at VDD, VIHC is the control input level that will cause the switch output to meet the standard “B” series VOH and IOH output
levels. If the analog switch input is connected to VSS, VIHC is the control input level — which allows the switch to sink standard “B” series |IOH|, HIGH level
current, and still maintain a VOL ≤ “B” series. These currents are shown in Table 1.
VDD Supply Voltage
−0.5V to +18V
VIN Input Voltage
−0.5V to V
DD + 0.5V
TS Storage Temperature Range
−65°C to + 150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature
(Soldering, 10 seconds)
260
°C
VDD Supply Voltage
3V to 15V
VIN Input Voltage
0V to VDD
TA Operating Temperature Range
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
0.25
0.01
0.25
7.5
µA
Current
VDD = 10V, VIN = VDD or VSS
0.5
0.01
0.5
15
µA
VDD = 15V, VIN = VDD or VSS
1.0
0.01
1.0
30
µA
Signal Inputs and Outputs
RON
“ON” Resistance
RL = 10kΩ to (VDD − VSS)/2
VC = VDD, VIS = VSS or VDD
VDD = 10V
600
250
660
960
Ω
VDD = 15V
360
200
400
600
Ω
RL = 10kΩ to (VDD − VSS)/2
VC = VDD
VDD = 10V, VIS = 4.75 to 5.25V
1870
850
2000
2600
Ω
VDD = 15V, VIS = 7.25 to 7.75V
775
400
850
1230
Ω
∆R
ON
∆“ON” Resistance
RL = 10kΩ to (VDD − VSS)/2
Between any 2 of
VC = VDD, VIS = VSS to VDD
4 Switches
VDD = 10V
15
Ω
(In Same Package)
VDD = 15V
10
Ω
IIS
Input or Output
VC = 0, VDD = 15V
±50
±0.1
±50
±500
nA
Leakage
VIS = 0V or 15V,
Switch “OFF”
VOS = 15V or 0V
Control Inputs
VILC
LOW Level Input
VIS = VSS and VDD
Voltage
VOS = VDD and VSS
IIS = ±10 µA
VDD = 5V
0.9
0.7
0.5
V
VDD = 10V
0.9
0.7
0.5
V
VDD = 15V
0.9
0.7
0.5
V
VIHC
HIGH Level Input
VDD = 5V
3.5
3.5
3.5
V
Voltage
VDD = 10V
7.0
7.0
7.0
V
VDD = 15V
11.0
11.0
11.0
V
(Note 3) and Table 1
IIN
Input Current
VCC − VSS = 15V
±0.1
±10−5
±0.1
±1.0
µA
VDD ≥ VIS ≥ VSS
VDD ≥ VC ≥ VSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com