Electronic Components Datasheet Search
  English  ▼

X  

TLV2252AIP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2252AIP
Description  Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2252AIP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV2252AIP Datasheet HTML 26Page - Texas Instruments TLV2252AIP Datasheet HTML 27Page - Texas Instruments TLV2252AIP Datasheet HTML 28Page - Texas Instruments TLV2252AIP Datasheet HTML 29Page - Texas Instruments TLV2252AIP Datasheet HTML 30Page - Texas Instruments TLV2252AIP Datasheet HTML 31Page - Texas Instruments TLV2252AIP Datasheet HTML 32Page - Texas Instruments TLV2252AIP Datasheet HTML 33Page - Texas Instruments TLV2252AIP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 28
LARGE-SIGNAL DIFFERENTIAL†‡
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
− 50
− 25
0
25
50
75
100
RL = 50 kΩ
RL = 1 MΩ
10 4
10 3
10 2
101
VDD = 3 V
VIC = 1.5 V
VO = 0.5 V to 2.5 V
− 75
125
Figure 29
LARGE-SIGNAL DIFFERENTIAL†‡
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
− 50
− 25
0
25
50
75
100
125
VDD = 5 V
VIC = 2.5 V
VO = 1 V to 4 V
RL = 50 kΩ
RL = 1 MΩ
10 4
10 3
10 2
101
−75
Figure 30
f− Frequency − Hz
OUTPUT IMPEDANCE‡
vs
FREQUENCY
10
1
0.1
1000
100
10 2
10 3
10 4
10 5
10 6
AV = 100
AV = 10
AV = 1
VDD = 3 V
TA = 25°C
Figure 31
f− Frequency − Hz
OUTPUT IMPEDANCE‡
vs
FREQUENCY
10
1
0.1
1000
100
10 2
10 3
10 4
10 5
10 6
AV = 100
AV = 10
AV = 1
VDD = 5 V
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com