Electronic Components Datasheet Search
  English  ▼

X  

PA8049 Datasheet(PDF) 1 Page - Greenlee Communications

Part # PA8049
Description  CRIMPER 8000 HDTV UNIVERSAL TOOL WITH DIE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

PA8049 Datasheet(HTML) 1 Page - Greenlee Communications

  PA8049 Datasheet HTML 1Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
TOOL WITH DIE
Specifications
Cable Type : Belden 1855A, 1865A, 1505A, 1505F, 1694A, 1694F, 179DT
Connection : HDYV BNC/TNC True 75-ohm
Crimping Range : 0.178 IN (4.500 MM), 0.255 IN (6.500 MM), 0.278 IN (7.000 MM), 0.068 IN
(1.700 MM), 0.041IN (1.000) Hex
CRIMPER 8000 HDTV UNIVERSAL
TOOL WITH DIE
Cat No:
UPC No:
52050092
769328112375


Similar Part No. - PA8049

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
PA8045 GREENLEE-PA8045 Datasheet
65Kb / 1P
CRIMPER RJ45 WE/SS & CATV-F TOOL WITH DIE
More results

Similar Description - PA8049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58524-2 MACOM-58524-2 Datasheet
241Kb / 5P
PRO-CRIMPER III Hand Crimping Tool Assembly 58524- 1 with Die Assembly 58524- 2
logo
List of Unclassifed Man...
PA2045 ETC2-PA2045 Datasheet
163Kb / 1P
RG6, RG6 Quad Die, CrimpALL/8000 & 1300 Series Crimper
PA1366 ETC2-PA1366 Datasheet
133Kb / 1P
HDTV 1300 Series Crimper
logo
TE Connectivity Ltd
408-4064 TEC-408-4064 Datasheet
383Kb / 5P
PRO-CRIMPER III Hand Crimping Tool Assembly And Die Set
logo
Tyco Electronics
408-4005 MACOM-408-4005 Datasheet
253Kb / 6P
PRO-CRIMPER* III Hand Crimping Tool
408-4021 MACOM-408-4021 Datasheet
253Kb / 6P
PRO-CRIMPER* III Hand Crimping Tool
408-4080 MACOM-408-4080 Datasheet
127Kb / 4P
PRO-CRIMPER III Hand Crimping Tool
408-4476 MACOM-408-4476 Datasheet
225Kb / 4P
PRO-CRIMPER* III Hand Crimping Tool
408-10341 MACOM-408-10341 Datasheet
250Kb / 6P
PRO--CRIMPER III Hand Crimping Tool
logo
TE Connectivity Ltd
408-32122 TEC-408-32122 Datasheet
478Kb / 4P
The die assembly features an anvil die and a crimper die
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com