Electronic Components Datasheet Search
  English  ▼

X  

S-PS Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # S-PS
Description  2a2b/3a1b/4a 4A polarized power relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S-PS Datasheet(HTML) 6 Page - Panasonic Semiconductor

  S-PS Datasheet HTML 1Page - Panasonic Semiconductor S-PS Datasheet HTML 2Page - Panasonic Semiconductor S-PS Datasheet HTML 3Page - Panasonic Semiconductor S-PS Datasheet HTML 4Page - Panasonic Semiconductor S-PS Datasheet HTML 5Page - Panasonic Semiconductor S-PS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2014.02 industrial.panasonic.com/ac/e/
Panasonic Corporation 2014
©
Automation Controls Catalog
–1–
ASCTB262E 201402-T
TYPES
SPECIFICATIONS
NOTES
ACCESSORIES
S RELAYS
PC BOARD SOCKET
Product name
Part No.
S Relays PC board socket
S-PS
Maximum continuous current
4 A
Note: Don’t insert or remove relays while in the energized condition.
Breakdown voltage
1,500 Vrms between terminals
Insulation resistance
More than 100 M
Ω between terminals at 500 V DC Mega
Heat resistance
150
±3°C (302 ±5.4°F) for 1 hour.
RoHS compliant
DIMENSIONS (mm inch)
External dimensions
General tolerance:
±0.3 ±.012
12.4
±0.6
18.3
±0.6
15.5
±0.6
3.4
±0.3
0.4
±0.1
1.2
±0.3
4.85
±0.3
5.08
±0.3
32.4
±0.6
1.5
±0.3
1.5
±0.3
7.62
±0.3
Terminal width: 1.3
Terminal thickness: 1.2
.051
.047
1.276
±.024
.059
±.012
.059
±.012
.610
±.024
.134
±.012
.016
±.004
.300
±.012
.200
±.012
.488
±.024
.720
±.024
.047
±.012
.191
±.012
PC board pattern
(Copper-side view)
Tolerance:
±0.1 ±.004
7.6
5.08 5.08 5.08 5.08 5.08
12-1.6 dia. hole
.299
12-.063 dia. hole
.200.200.200.200.200
The CAD data of the products with a
CAD Data
mark
can be downloaded from: http://industrial.panasonic.com/ac/e/
CAD Data
Inserting and removing method
Inserting method: Insert the relay as
shown in Fig. 1 unit the rib of the relay
snaps into the clip of the socket.
Rib
Fig. 1
Removing method:
(1) Remove the relay straight from the
socket holding the shaded portion of the
relay as shown in Fig. 2.
Fig. 2
(2) When sockets are mounted in close
proximity, use a slotted screw driver as
shown in Fig. 3.
Fig. 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com