Electronic Components Datasheet Search
  English  ▼

X  

387 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 387
Description  SUPER-BRIGHT 5MM IR LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

387 Datasheet(HTML) 1 Page - Adafruit Industries

  387 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o 5mm LED
o 940nm wavelength (most common)
o 20 degree beam width
o 100 mA continuous, 1000 mA pulse
o Approx 1.6V forward voltage
LEDS / BARE LEDS / SUPER-BRIGHT 5MM IR LED
•
Description
Infrared LEDs are used for remote controls (they're the little LED in the part you point at your TV) and 'night-
vision' cameras, and these little blue guys are high powered ones! They are 940nm wavelength, which is what
nearly all devices listen to. They're 20 degree beamwidth, and work great for any kind of remote control
application.
We used one of these to make a camera control footswitch/intervalometer. These are the same LEDs we use in
our super TV-B-Gone kit. You can drive them continuously (for 'night vision' illumination) with 100mA and
for IR remote application they can take up to 1 Amp pulses.
For high powered use, we suggest matching
these up with our power MOSFETs.
If you want to make a sender/receiver pair, you'll want to get an IR remote receiver sensor as well.
•
Technical Details


Similar Part No. - 387

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
387-006-520-101 EDAC-387-006-520-101 Datasheet
290Kb / 4P
387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-101 EDAC-387-006-520-101 Datasheet
137Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-102 EDAC-387-006-520-102 Datasheet
290Kb / 4P
387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-102 EDAC-387-006-520-102 Datasheet
138Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-103 EDAC-387-006-520-103 Datasheet
290Kb / 4P
387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results

Similar Description - 387

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
NTE Electronics
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
Super Bright LED Indicators, 5mm
logo
P-tec Corporation
PL16-CDR21 P-TEC-PL16-CDR21 Datasheet
30Kb / 1P
5MM T1쩐 Super Bright Red LED
PL16-CDY06 P-TEC-PL16-CDY06 Datasheet
29Kb / 1P
5mm (T1쩐) Super Bright Yellow LED
PL16-WCR21 P-TEC-PL16-WCR21 Datasheet
30Kb / 1P
5MM T1쩐 Super Bright Red LED
logo
NTE Electronics
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
Super Bright LED Indicator Super Purple, 5mm
NTE30126 NTE-NTE30126 Datasheet
85Kb / 2P
Super Bright LED Indicator Ultra Bright Pink, 5mm
NTE30127 NTE-NTE30127 Datasheet
70Kb / 2P
Super Bright LED Indicator Turquoise, 5mm
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
Super Bright LED Indicators 5mm, Bullet Head Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com