Electronic Components Datasheet Search
  English  ▼

X  

SMB15F5.0A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMB15F5.0A
Description  1500 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB15F5.0A Datasheet(HTML) 1 Page - STMicroelectronics

  SMB15F5.0A Datasheet HTML 1Page - STMicroelectronics SMB15F5.0A Datasheet HTML 2Page - STMicroelectronics SMB15F5.0A Datasheet HTML 3Page - STMicroelectronics SMB15F5.0A Datasheet HTML 4Page - STMicroelectronics SMB15F5.0A Datasheet HTML 5Page - STMicroelectronics SMB15F5.0A Datasheet HTML 6Page - STMicroelectronics SMB15F5.0A Datasheet HTML 7Page - STMicroelectronics SMB15F5.0A Datasheet HTML 8Page - STMicroelectronics SMB15F5.0A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
•
Peak pulse power: 1500 W (10/1000 μs) and 10 kW (8/20 μs)
•
Flat and thin package: 1 mm
•
Stand-off voltage range: from 5 V to 64 V
•
Unidirectional type
•
Low leakage current: 0.2 μA at 25 °C and 1 μA at 85 °C
•
Operating Tj max: 175 °C
•
High power capability at Tj max.: 1100 W (10/1000 µs)
•
Lead finishing: matte tin plating
Complies with the following standards
•
UL94, V0
•
J-STD-020 MSL level 1
•
J-STD-002, JESD 22-B102 E3 and MIL-STD-750, method 2026 solderable
matte tin plated leads
•
JESD-201 class 2 whisker test
•
IPC7531 footprint
•
JEDEC registered package outline
•
IEC 61000-4-4 level 4:
–
4 kV
•
IEC 61000-4-2, C = 150 pF - R = 330 Ω exceeds level 4:
–
30 kV (air discharge)
–
30 kV (contact discharge)
Description
The SMB15FxxA series are designed to protect sensitive circuits against surges.
The Planar technology makes it compatible with high-end circuits where low leakage
current and high junction temperature are required to provide long term reliability and
stability.
Product status link
SMB15FxxA series
SMB15F5.0A, SMB15F6.0A,
SMB15F6.5A, SMB15F8.5A,
SMB15F10A, SMB15F11A, SMB15F13A,
SMB15F12A, SMB15F14A, SMB15F15A,
SMB15F16A, SMB15F18A, SMB15F20A,
SMB15F22A, SMB15F23A, SMB15F24A,
SMB15F26A, SMB15F28A, SMB15F30A,
SMB15F31A, SMB15F33A, SMB15F36A,
SMB15F40A, SMB15F48A, SMB15F58A,
SMB15F64A
1500 W TVS in SMB Flat
SMB15FxxA
Datasheet
DS13415 - Rev 1 - August 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SMB15F5.0A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB15 LITEON-SMB15 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB15 MIC-SMB15 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB15 LUGUANG-SMB15 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB150 LITEON-SMB150 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB150 MIC-SMB150 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB15F5.0A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
1500 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
1500 WATT TVS COMPONENT
logo
STMicroelectronics
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA6FXXA STMICROELECTRONICS-SMA6FXXA Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
SMB6FXXA STMICROELECTRONICS-SMB6FXXA Datasheet
681Kb / 13P
600 W TVS in SMB Flat
14-Oct-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
SMC50JXXA STMICROELECTRONICS-SMC50JXXA Datasheet
484Kb / 12P
5000 W TVS in SMC
03-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com