Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS16507 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74HCS16507
Description  SN74HCS16507-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Open-Drain Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS16507 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS16507 Datasheet HTML 9Page - Texas Instruments SN74HCS16507 Datasheet HTML 10Page - Texas Instruments SN74HCS16507 Datasheet HTML 11Page - Texas Instruments SN74HCS16507 Datasheet HTML 12Page - Texas Instruments SN74HCS16507 Datasheet HTML 13Page - Texas Instruments SN74HCS16507 Datasheet HTML 14Page - Texas Instruments SN74HCS16507 Datasheet HTML 15Page - Texas Instruments SN74HCS16507 Datasheet HTML 16Page - Texas Instruments SN74HCS16507 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Reference
The SN74HCS16507-Q1 is a parallel-input shift register, which can be used to reduce the number of required
inputs on a system controller very significantly in some applications. Parallel data is loaded into the shift register,
then the stored data can be loaded into a serial input of the system controller by clocking the shift register.
Multiple shift registers can be cascaded to provide more data inputs while still only using a single serial input to
the system controller. This process is primarily limited by the required data input rate and timing characteristics
of the selected shift register, as defined in the Timing Charactestics and Switching Charactestics tables.
An example block diagram is shown for using a single shift register in the Typical application block diagram
below.
9.2 Typical Application
System
Controller
SER
CLK INH
SH/LD
8-Bit Shift Register
A B C D E F G H
Data Loading Gates
CLK
Control
Logic
QH
QH
Peripheral
DATA[7:0]
VCC
10 k
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The positive voltage supply must be capable of sourcing current equal to the maximum static supply current, ICC,
listed in Electrical Characteristics and any transient current required for switching.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74HCS16507-Q1 plus the maximum supply current, ICC, listed in Electrical Characteristics, and any transient
current required for switching. The logic device can only sink as much current as can be sunk into its ground
connection. Be sure not to exceed the maximum total current through GND listed in the Absolute Maximum
Ratings.
The SN74HCS16507-Q1 can drive a load with a total capacitance less than or equal to 50 pF while still meeting
all of the datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to
exceed 50 pF.
www.ti.com
SN74HCS16507-Q1
SCLS824 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HCS16507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com