Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS4075 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HCS4075
Description  SN74HCS4075 Triple 3-Input OR Gates with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS4075 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS4075 Datasheet HTML 6Page - Texas Instruments SN74HCS4075 Datasheet HTML 7Page - Texas Instruments SN74HCS4075 Datasheet HTML 8Page - Texas Instruments SN74HCS4075 Datasheet HTML 9Page - Texas Instruments SN74HCS4075 Datasheet HTML 10Page - Texas Instruments SN74HCS4075 Datasheet HTML 11Page - Texas Instruments SN74HCS4075 Datasheet HTML 12Page - Texas Instruments SN74HCS4075 Datasheet HTML 13Page - Texas Instruments SN74HCS4075 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
EN
Device 1
Overheat
Fan
Driver
Device 2
Overheat
Device 3
Overheat
10
SN74HCS4075
SCLS795A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: SN74HCS4075
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74HCS4075 includes three 3-input OR gates with Schmitt-trigger inputs. These 3-input OR gates work
independently, but can be combined to get up to a 7-input OR gate. It can be used with all three inputs active, or
one input can be disabled by directly connecting it to ground to turn the device into a 2-input OR gate.
The SN74HCS4075 is used to directly control the Enable pin of a fan driver. The fan driver requires only one
input signal to be HIGH before being enabled, and should be disabled in the event that all signals go LOW. The
3-input OR gate function combines the three individual overheat signals into a single active-high enable signal.
Temperature sensors can often be spread throughout a system rather than being in a centralized location. This
would mean longer length traces or wires to pass signals through leading to slower edge transitions. This makes
the SN74HCS4075 ideal for the application since it has Schmitt-trigger inputs that do not have input transition
rate requirements.
9.2 Typical Application
Figure 9. Typical application block diagram
9.2.1 Design Requirements
•
All signals in the system operate at 5 V
•
The fan driver should be enabled if any one or more of these conditions apply:
–
Device 1 overheats
–
Device 2 overheats
–
Device 3 overheats
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The supply must be capable of sourcing current equal to the total current to be sourced by all outputs of the
SN74HCS4075 plus the maximum supply current, ICC, listed in the Electrical Characteristics. The logic device
can only source or sink as much current as it is provided at the supply and ground pins, respectively. Be sure not
to exceed the maximum total current through GND or VCC listed in the Absolute Maximum Ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com