Electronic Components Datasheet Search
  English  ▼

X  

SFH9210 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH9210
Description  Reflexlichtschranke mit VCSEL-Sender Reflective Interrupter with VCSEL-Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9210 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH9210 Datasheet HTML 2Page - OSRAM GmbH SFH9210 Datasheet HTML 3Page - OSRAM GmbH SFH9210 Datasheet HTML 4Page - OSRAM GmbH SFH9210 Datasheet HTML 5Page - OSRAM GmbH SFH9210 Datasheet HTML 6Page - OSRAM GmbH SFH9210 Datasheet HTML 7Page - OSRAM GmbH SFH9210 Datasheet HTML 8Page - OSRAM GmbH SFH9210 Datasheet HTML 9Page - OSRAM GmbH SFH9210 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2005-02-18
8
SFH 9210
Empfohlenes Lötpaddesign
IR-Reflow Löten
Recommended Solder Pad
IR Reflow Soldering
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Solder resist
Lötstopplack
Cu-area >5 mm
Cu-Fläche >5 mm 2
OHPY0030
3.9 (0.154)
1.2 (0.047)
2
Paddesign
Wärmeableitung
for improved
für verbesserte
Padgeometrie
Heat dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com