Electronic Components Datasheet Search
  English  ▼

X  

SCE5781 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SCE5781
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5781 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SCE5781 Datasheet HTML 6Page - OSRAM GmbH SCE5781 Datasheet HTML 7Page - OSRAM GmbH SCE5781 Datasheet HTML 8Page - OSRAM GmbH SCE5781 Datasheet HTML 9Page - OSRAM GmbH SCE5781 Datasheet HTML 10Page - OSRAM GmbH SCE5781 Datasheet HTML 11Page - OSRAM GmbH SCE5781 Datasheet HTML 12Page - OSRAM GmbH SCE5781 Datasheet HTML 13Page - OSRAM GmbH SCE5781 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SCE5780
2006-01-23
10
Row Strobing
The SCE578X allows a high frequency external oscillator source
to drive the display. Data bit, D4, in the control word format con-
trols the prescaler function. The prescaler allows the oscillator
source to be divided by 16 by setting D4=1. However, the pres-
caler should not be used, i.e., when using the internal oscillator
source.
The Software Clear (C0
HEX), given in Table „Software Clear“,
clears the Address Register and the RAM. The display is blanked
and the Character Address Register will be set to Character 0. The
internal counter and the Control Word Register are unaffected.
The Software Clear will remain active until the next data input cycle
is initiated.
Multiplexer and Display Driver
The eight characters are row multiplexed with RAM resident col-
umn data. The strobe rate is established by the internal or external
MUX Clock rate. The MUX Clock frequency is divided by a 320
counter chain. This results in a typical strobe rate of 768 Hz. By
pulling the Clock SEL line low, the display can be operated from an
external MUX Clock. The external clock is attached to the CLK I/O
connection.
An asynchronous hardware Reset (pin 24) is also provided. Bring-
ing this pin low will clear the Character Address Register, Control
Word Register, RAM, and blanks the display. This action leaves the
display set at Character Address 0, and the Brightness Level set at
100%, prescaler ÷1.
Electrical and Mechanical Considerations
Thermal Considerations
The display’s power usage may need to be reduced to operate at
high ambient temperatures. The power may be reduced by lower-
ing the brightness level, reducing the total number of LEDs illumi-
nated, or lowering V
LED. The VCC supply, relative to the VLED
supply, has little effect on the power dissipation of the display and
is not considered when determining the power dissipation.
To determine the power deration with a given ambient tempera-
ture, use the following formula:
where:
T
jmax=maximum IC junction temperature
P
D=power dissipated by the ICs
θ
ja=thermal resistance, junction to ambient
To determine the power dissipation of the display, use the following
formula:
where:
N=number of LEDs on
I
LL/140=average current for a single LED
RB=relative brightness level
A typical thermal resistance value (
θ
ja) for this display is 50 °C/W
when mounted in a socket soldered on a 1.57 mm (0.062") thick
PCB with 0.5 mm (0.020"), 1 ounce copper traces and the display
covered by a plastic filter. The display’s maximum IC junction tem-
perature is 125°C. Power Deration Curve is based on these typical
values.
Power Deration Curve (
θ
ja=50°C/W)
V
CC and VLL are two separate power supplies sharing a common
ground. V
CC supplies power for all the display logic. VLL supplies
the power for the LEDs. By separating the two supplies, V
CC and
V
LL can be varied independently and keeps the logic supply clean.
0
4
5
6
Columns
12 3 4
Load
Row
Load Row 0
1
2
3
0
Columns
01 23 4
Columns
01 2 34
Load Row 1
Load Row 2
Load Row 5
Columns
Columns
01 2 3 40
Columns
12 3 4
01
Load Row 4
Load Row 3
Columns
IDXX5192
23 4
01 2 34
Load Row 6
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
Software Clear
Op code
D7 D6
Control Word
D5 D4
D3
D2
D1
D0
Hex
Operation
11
0
0
00
00
C0
CLEAR
T
jmax
T
A
P
D
θ
ja
⋅
+
=
PD
N I
LL 140
RB
⋅
⁄
⋅
=
IDDG5333
-40
0
P
W
-20
0
20
40
60
˚C 100
0.5
1.0
1.5
2.0
2.5
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com