Electronic Components Datasheet Search
  English  ▼

X  

262 Datasheet(PDF) 3 Page - Littelfuse

Part # 262
Description  FUSE HOLDER SELECTION GUIDE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

262 Datasheet(HTML) 3 Page - Littelfuse

  262 Datasheet HTML 1Page - Littelfuse 262 Datasheet HTML 2Page - Littelfuse 262 Datasheet HTML 3Page - Littelfuse 262 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.littelfuse.com/fuseholders
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Series
Name1
Device Range 3
(Operating
Current
Options in
Amps)
Max. Voltage
Rating 3
(Volts)
Interrupting
Rating at
Max Voltage
Rating 3
(Amps)
Operating
Temperature
Range
Agency Approvals 3
Americas
Europe
Asia
312/318
0.01 - 35
250 / 125 / 32
35 - 300
-55°C to +125°C
313/315
0.01 - 30
250 / 125 / 32
35 - 300
314/324
0.125 - 40
250
35 - 1000
322
1 - 30
250 / 65
100 - 1000
325/326
0.01 - 30
250 / 125
100 - 600
388
1 - 30
250
100
505
10 - 30
450 / 500
20,000 - 50,000
Panel Mount Holders
PC Board Mount Holders
Blocks
Clips
In- Line Holders
34453 International Shock-Safe
345101 horizontal
354 Omni-Blok
102071
155100 Twist-Lock
345 International shock-Safe (old) 810 horizontal
356 Screw terminal
102074
150215 Assem,no Fuse
342 Traditional
862 horizontal
359 Screw terminal
122083
155000 Heavy Duty
344 Indicating Snap Mount
811 vertical
FB66A
122067 Berylium Copper
150079 Assem,no Fuse
348 Snap Mount
122088
150322 120VAC UL,
346377 Flip Top
122093 Berylium Copper
342006 Watertight screw-in
102078
340312/3 Shielded Watertight
102079
342024 Mll high temp knurled
102076
342025 Mll high temp fluted
102076
800 2.5 Watt
102080
80001 500V 2.5 Watt
122090 Berylium Copper
860 4 Watt
121001 Berylium Copper
FH602R
100058
FH604R
101001
101002
101003
102064
121004 Berylium Copper
121002 Berylium Copper
518 Combo,3AA & 5X20
6.3mm x 32mm (3AB / 3AG) SIZE FUSE SERIES AND HOLDER OPTIONS
FUSE HOLDER RE-RATING:
For 25°C ambient temperatures, it is recommended that fuse holders be operated at no more
than 60% of the nominal current rating established using the controlled test conditions specified
by Underwriters Laboratories.
The primary objective of these UL test conditions is to specify common test standards
necessary for the continued control of manufactured items intended for protection against fire,
etc. A copper dummy fuse is inserted in the fuse holder by Underwriters Laboratories, and then
the current is increased until a certain temperature rise occurs.
The majority of the heat is produced by the contact resistance of the fuse holder clips. This value
of current is considered to be the rated current of the fuse holder, expressed as 100% of rating.
Some of the more common, everyday applications may differ from these UL test conditions as
follows: fully enclosed fuse holders, high contact resistance, air movement, transient spikes, and
changes in connecting cable size (diameter and length).
Even small variations from the controlled test conditions can greatly affect the ratings of the fuse
holder. For this reason, it is recommended that fuse holders be de-rated by 40% (operated
at no more than 60% of the nominal current rating established using the Underwriter
Laboratories test conditions).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com