Electronic Components Datasheet Search
  English  ▼

X  

FH602R Datasheet(PDF) 4 Page - Littelfuse

Part # FH602R
Description  FUSE HOLDER SELECTION GUIDE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FH602R Datasheet(HTML) 4 Page - Littelfuse

  FH602R Datasheet HTML 1Page - Littelfuse FH602R Datasheet HTML 2Page - Littelfuse FH602R Datasheet HTML 3Page - Littelfuse FH602R Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.littelfuse.com/fuseholders
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Series
Name1
Device Range 3
(Operating
Current
Options in
Amps)
Max. Voltage
Rating 3
(Volts)
Interrupting
Rating at
Max Voltage
Rating 3
(Amps)
Operating
Temperature
Range
Agency Approvals 3
Americas
Europe
Asia
262/268/269
0.002 - 5
125
10,000
-55°C to +125°C
272/278
0.002 - 5
125
10,000
-55°C to +125°C
273/274/279
0.002 - 5
125
10,000
-55°C to +85°C
303
0.5 - 5
125
50
-55°C to +70°C
Series
Name1
Device Range 3
(Operating
Current
Options in
Amps)
Max. Voltage
Rating 3
(Volts)
Interrupting
Rating at
Max Voltage
Rating 3
(Amps)
Operating
Temperature
Range
Agency Approvals 3
Americas
Europe
Asia
370
0.4 - 6.3
250
35 - 50
-40°C to +85°C
372
0.4 - 6.3
250
35 - 50
373
0.5 - 10
250
50
374
0.5 - 10
250
50
382
1 - 10
250
100
383
1 - 10
300
50 - 100
369
1 - 6.3
300
50
-40°C to +85°C
385
0.35 - 1.5
125
50
391
0.125 - 4
65
50
392
0.8 - 6.3
250
25 - 63
395
0.05 - 6.3
125
100
396
0.05 - 6.3
125
100
397
0.35 - 1.5
125
50
398
0.125 - 4
65
50
399
0.125 - 4
65
50
400
0.5 - 6.3
250
130
TE5®/TR5® TYPE FUSE SERIES AND HOLDER OPTIONS
MICROTM/TR3® TYPE FUSE SERIES AND HOLDER OPTIONS
Panel Mount Holders
PC Board Mount Holders
570
559
575 cap
560
562
564
565 90°
571
575 cap
Panel Mount Holders
PC Board Mount Holders
282001 Front mt.Neoprene
281005 Vertical silver
282007 Front mt.Conductive
281007 Horizontal silver
282002 Rear mt Neoprene
281008 Vertical tin
282008 Rear mt.Conductive
281010 Horizontal tin
280003 125V indicating
280004 32V indicating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com