Electronic Components Datasheet Search
  English  ▼

X  

282002 Datasheet(PDF) 1 Page - Littelfuse

Part # 282002
Description  FUSE HOLDER SELECTION GUIDE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

282002 Datasheet(HTML) 1 Page - Littelfuse

  282002 Datasheet HTML 1Page - Littelfuse 282002 Datasheet HTML 2Page - Littelfuse 282002 Datasheet HTML 3Page - Littelfuse 282002 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.littelfuse.com/fuseholders
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
FUSE HOLDER SELECTION GUIDE
Fuse Type
Fuse Series
Panel Mount
PC Board
Blocks
Clips
In- Line
4.5x14.5
mm
(2AG)
225
3452 International Shock-Safe
254101
254 Omni-Blok
111501
150274
229
345 International shock-Safe (old)
254121 Berylium Copper
111505 Berylium Copper
245001 Shorty Solder QC
111506
245002 Shorty NEMA QC
286377 Flip Top
5x20
mm
213
3455 International Shock-Safe
345121 horizontal
520003 Omni-Blok QC
111501
150274
215
345 International shock-Safe (old)
521101 Omni-Blok
520004 Omni-Blok Soder
445001
216
286377 Flip Top
OPTF0060W no cover optional
520005 Omni-Blok anti-rotation
111505 Berylium Copper
217
800
OPTF0075P cover optional
30210
218
820
OOBS0232P cover
111506 Berylium Copper
219A
823 snap-in
646
520001
232
821
648 cover
FB58A
100054
233
850
640 cover and puller combo
FB58B
100056
234
851
649
111005 T&R
235
860 4 Watt
656 659,660 cover
519 T&R
239
870 medical,captive cap
658 Surface Mt 659,660 cover
520
FH503R
810 horizontal
521
FH503S
830 horizontal
518 Combo,3AA & 5X20
862 horizontal
811 vertical
831 vertical 4pin
834 vertical
852 vertical 2 pin
853 vertical 2pin
860 4 Watt
6.3x32
mm
(3AB/3AG)
312
34453 International Shock-Safe
345101 horizontal
354 Omni-Blok
102071
155100 Twist-Lock
313
345 International shock-Safe (old) 810 horizontal
356 Screw terminal
102074
150215 Assem,no Fuse
314
342 Traditional
862 horizontal
359 Screw terminal
122083
155000 Heavy Duty
326
344 Indicating Snap Mount
811 vertical
FB66A
122067 Berylium Copper
150079 Assem,no Fuse
348 Snap Mount
122088
150322 120VAC UL
346377 Flip Top
122093 Berylium Copper
342006 Watertight screw-in
102078
340312/3 Shielded Watertight
102079
342024 Mll high temp knurled
102076
342025 Mll high temp fluted
102076
800 2.5 Watt
102080
80001 500V 2.5 Watt
122090 Berylium Copper
860 4 Watt
121001 Berylium Copper
FH602R
100058
FH604R
101001
101002
101003
102064
121004 Berylium Copper
121002 Berylium Copper
518 Combo,3AA & 5X20
TE5
®/TR5®
370,372 570
559
373,378 575 cap
560
374,379
562
375,382
564
384
565 90°
571
575 cap
Micro
TM/
TR3
®
272 273 282001 Front mt.Neoprene
281005 Vertical silver
262 268 282007 Front mt.Conductive
281007 Horizontal silver
269 24
282002 Rear mt Neoprene
281008 Vertical tin
279
282008 Rear mt.Conductive
281010 Horizontal tin
280003 125V indicating
280004 32V indicating


Similar Part No. - 282002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
282002 LITTELFUSE-282002 Datasheet
90Kb / 1P
Fuseholders - For MicroTM Fuse Plug-In Fuses
logo
Tyco Electronics
282002 MACOM-282002 Datasheet
491Kb / 3P
MONO-SHAPE MKI TAB CONNECTORS 2-10 POS
logo
Littelfuse
282002A LITTELFUSE-282002A Datasheet
90Kb / 1P
Fuseholders - For MicroTM Fuse Plug-In Fuses
More results

Similar Description - 282002

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
Master Selection Guide
logo
Littelfuse
20100630021 LITTELFUSE-20100630021 Datasheet
260Kb / 4P
FUSE HOLDER SELECTION GUIDE
0217002P LITTELFUSE-0217002P Datasheet
260Kb / 4P
FUSE HOLDER SELECTION GUIDE
01530009Z LITTELFUSE-01530009Z Datasheet
260Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
Selection Guide
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
Device Selection Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
IRLED SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com