Electronic Components Datasheet Search
  English  ▼

X  

RSC201 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # RSC201
Description  Fanless Edge AI Computer Vision System with AMD Kria™ K26 SOM, GbE LAN, COM, USB 3.2, and DisplayPort
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RSC201 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  RSC201 Datasheet HTML 1Page - Axiomtek Co., Ltd. RSC201 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
RSC201
Features
Fanless Edge AI Computer Vision System with AMD Kria™ K26 SOM, GbE LAN, COM, USB 3.2, and DisplayPort
NEW
Specifications
Standard Color
Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
AI Accelerator
AMD Kria™ K26 System-on-Module
System Memory
DDR4 4GB onboard 64-bit
System I/O Outlet
1 x 10/100/1000 Mbps Ethernet
1 x DisplayPort 1.2
3 x USB 3.2 Gen1
1 x COM for RS-232
1 x 12 to 24 VDC power input
Expansion Interface
1 x MicroSD card slot
Storage
eMMC 16GB
1 x M.2 Key B 2242 SSD slot (SATA3)
System Indicator
1 x Green LED for system power
1 x Yellow LED for storage
Power Supply
12 to 24 VDC
Operating Temperature -30°C to +70°C (-22°F to +158°F)
Humidity
10% to 95%, non-condensing
Vibration Endurance
3.5 Grms (5 to 500Hz, X, Y, Z directions)
Dimensions
153.5 mm (6.04") (W) x 110.0 mm (4.33") (D) x 67.6 mm (2.66") (H)
Weight (net/gross)
1.2 kg (2.65 lb)/ 1.5 kg (3.31 lb)
Certifications
CE, FCC Class A
OS Support
PetaLinux
1 x Console
12- 24 VDC power input
Rear view
Front view
● AMD Kria™ K26 SOM
● Supports GbE LAN for cameras
● Wide operating temperature from -30°C to +70°C
● Wide voltage input from 12 to 24 VDC
● Supports PetaLinux
● Ideal for intelligent manufacturing, smart city, AI computing,
and edge computing
12 to 24 VDC
Green LED for system power
3 x USB 3.2 Gen1
1 x DisplayPort
1 x GbE LAN
Yellow LED for storage
1 x COM
Updated Jan. 24, 2024.


Similar Part No. - RSC201

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RSC24 TOCOS-RSC24 Datasheet
541Kb / 2P
NON-CONTACT ANGLE SENSOR
More results

Similar Description - RSC201

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-220 ADVANTECH-AIMB-220 Datasheet
417Kb / 2P
Fanless AMD Geode??LX800 Mini-ITX Motherboard with 4 COM and Dual LAN
15-Oct-2008
logo
Axiomtek Co., Ltd.
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL Datasheet
608Kb / 2P
Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA or HDMI, GbE LAN, 2 COM and 4 USB
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL Datasheet
221Kb / 1P
Fanless Embedded System with Intel Atom Processor E3845 1.91GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 4 COM
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL Datasheet
196Kb / 1P
Fanless Embedded System with Intel Atom Processor E3826 1.46GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 2 COM
logo
AAEON Technology
BOXER-8230AI AAEON-BOXER-8230AI Datasheet
631Kb / 2P
AI@Edge Compact Fanless Embedded AI System with NVIDIA® Jetson™ TX2 NX
2022/12/14
BOXER-8250AI AAEON-BOXER-8250AI Datasheet
595Kb / 2P
AI@Edge Fanless Embedded Box PC with NVIDIA Jetson Xavier NX, 5 GbE LAN Ports
2023/01/19
BOXER-8621AI AAEON-BOXER-8621AI Datasheet
268Kb / 1P
AI@Edge Compact Fanless Embedded AI System with NVIDIA® Jetson Orin Nano™
2023/03/20
BOXER-8622AI AAEON-BOXER-8622AI Datasheet
368Kb / 2P
AI@Edge Compact Fanless Embedded AI System with NVIDIA® Jetson Orin Nano™
2023/03/20
BOXER-8640AI AAEON-BOXER-8640AI Datasheet
477Kb / 2P
AI@Edge Fanless Embedded AI System with NVIDIA® Jetson AGX Orin™ 32GB
2023/05/16
BOXER-8646AI AAEON-BOXER-8646AI Datasheet
434Kb / 2P
AI@Edge Fanless PoE Embedded AI System with NVIDIA® Jetson AGX Orin™
2023/03/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com