Electronic Components Datasheet Search
  English  ▼

X  

658 Datasheet(PDF) 2 Page - Littelfuse

Part # 658
Description  FUSE HOLDER SELECTION GUIDE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

658 Datasheet(HTML) 2 Page - Littelfuse

  658 Datasheet HTML 1Page - Littelfuse 658 Datasheet HTML 2Page - Littelfuse 658 Datasheet HTML 3Page - Littelfuse 658 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.littelfuse.com/fuseholders
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Series
Name1
Device Range 3
(Operating
Current
Options in
Amps)
Max. Voltage
Rating 3
(Volts)
Interrupting
Rating at
Max Voltage
Rating 3
(Amps)
Operating
Temperature
Range
Agency Approvals 3
Americas
Europe
Asia
217
0.032 - 15
250
35 - 150
-55°C to +125°C
218
0.032 - 16
250
35 - 100
213
0.2 - 6.3
250
35 - 63
219XA
0.4 - 6.3
250
150
216
0.05 - 16
250
750 - 1500
215
0.125 - 25
250
300 - 1500
232
1 - 10
250 / 125
300 / 10,000
235
0.1 - 7
250 / 125
35 - 10,000
233
1 - 10
125
10,000
234
1 - 10
250
100 - 200
239
0.08 - 7
250 / 125
35 - 10,000
477
0.5 - 16
400DC / 500AC
100 - 1500
Fuse
Series
Name
Device Range 3
(Operating
Current
Options in
Amps)
Max. Voltage
Rating 3
(Volts)
Interrupting
Rating at
Max Voltage
Rating 3
(Amps)
Operating
Temperature
Range
Agency Approvals 3
Americas
Europe
Asia
208
0.125 - 10
350
100
-55°C to +125°C
209
0.25 - 1
350
100
224/225
0.1 - 10
250 / 125
35 - 500
229/230
0.25 - 7
250 / 125
35 - 400
4.5mm x 14.5mm (2AG) SIZE FUSE SERIES AND HOLDER OPTIONS
Panel Mount Holders
PC Board Mount Holders
Blocks
Clips
In-Line Holders
3452 International Shock-Safe
254101
254 Omni-Blok
111501
150274
345 International shock-Safe (old)
254121 Berylium Copper
111505 Berylium Copper
245001 Shorty Solder QC
111506
245002 Shorty NEMA QC
286377 Flip Top
5mm x 20mm SIZE FUSE SERIES AND HOLDER OPTIONS
Panel Mount Holders
PC Board Mount Holders
Blocks
Clips
In-Line Holders
3455 International Shock-Safe
345121 horizontal
520003 Omni-Blok QC
111501
150274
345 International shock-Safe (old)
521101 Omni-Blok
520004 Omni-Blok Soder
445001
286377 Flip Top
OPTF0060W no cover optional
520005 Omni-Blok anti-rotation
111505 Berylium Copper
800
OPTF0075P cover optional
30210
820
OOBS0232P cover
111506 Berylium Copper
823 snap-in
646
520001
821
648 cover
FB58A
100054
850
640 cover and puller combo
FB58B
100056
851
649
111005 T&R
860 4 Watt
656 659,660 cover
519 T&R
870 medical,captive cap
658 Surface Mt 659,660 cover
520
FH503R
810 horizontal
521
FH503S
830 horizontal
518 Combo,3AA & 5X20
862 horizontal
811 vertical
831 vertical 4pin
834 vertical
852 vertical 2 pin
853 vertical 2pin
860 4 Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com