Electronic Components Datasheet Search
  English  ▼

X  

VAM704 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # VAM704
Description  Value-added Module with 4 M12 D-coded 10/100 Mbps LAN Ports (PoE Optional)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

VAM704 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  VAM704 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
VAM704/VAM705
Ordering Information
Pin Definition
Specifications
I/O Outlet
4 x M12 D-coded 10/100 Mbps LAN
PoE Performance
4 x Manageable M12 output, up to 60W, supporting PoE and PoE+
• PoE (802.3af 15.4W/port), PoE+ (802.3at 30W/port)
• Manageability in total power budget and port enable/disable
Operating Temperature
-40°C to +70°C (-40°F to +158°F) with the tBOX500 series & wide operating temperature peripheral
Certifications
CE, LVD, FCC and EN 50155 certified
EMC
CE/FCC
EN 61000-6-4 (Class A), EN 61000-6-2
FCC part 15 B (Class A)
EN 50155
EN 50121-3-2, IEC 62236-3-2
LVD
EN 60950-1
Vibration
3 Grms with the tBOX500 series (5 to 500Hz, X/Y/Z direction; random, operating)
EN 50155
EN 61373 category 1 class B
Shock
EN 50155
Half-sine pulse, 5g, 30ms (longitudinal direction), 3g, 30ms (vertical/transverse direction)
*For more information of certification/EMC/Vibration/Shock as above, please contact Axiomtek ‘s regional distributor
VAM704
(P/N: E277704100)
• Value-added module with 4 M12 D-coded 10/100 Mbps LAN ports and designed for the tBOX500 series
VAM705
(P/N: E277705100)
• Value-added module featuring 4 M12 D-coded 10/100 Mbps LAN ports with PoE, designed for the tBOX500 series
Pin
10/100 Mbps
1
TxData+
2
RxData+
3
TxData-
4
RxData-
M12 D-coded 8-pin
female connector
Thumb screw
PoE activity
indicator
(optional)
LAN activity
indicator
Value-added Module with 4 M12 D-coded 10/100 Mbps LAN Ports (PoE Optional)
Updated Jul. 26, 2024.


Similar Part No. - VAM704

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
VAM700 AXIOMTEK-VAM700 Datasheet
143Kb / 1P
Value-added Module with 4 M12 A-coded GbE LAN Ports (PoE Optional)
Jul. 17, 2024.
VAM701 AXIOMTEK-VAM701 Datasheet
143Kb / 1P
Value-added Module with 4 M12 A-coded GbE LAN Ports (PoE Optional)
Jul. 17, 2024.
VAM702 AXIOMTEK-VAM702 Datasheet
144Kb / 1P
Value-added Module with 4 RJ-45 GbE LAN Ports (PoE Optional)
VAM703 AXIOMTEK-VAM703 Datasheet
144Kb / 1P
Value-added Module with 4 RJ-45 GbE LAN Ports (PoE Optional)
VAM706 AXIOMTEK-VAM706 Datasheet
139Kb / 1P
Value-added Module with 4 M12 X-coded GbE LAN Ports (PoE Optional)
More results

Similar Description - VAM704

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562V INTEL-82562V Datasheet
462Kb / 42P
10/100 Mbps Platform LAN Connect
logo
Allied Components Inter...
AHSC-1618PS ALLIED-AHSC-1618PS Datasheet
720Kb / 1P
10/100 BaseT Single Port PoE LAN Filter Module
AHSC-4802I ALLIED-AHSC-4802I Datasheet
386Kb / 1P
10/100 Quad Port PoE Plus LAN Filter Module
logo
List of Unclassifed Man...
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
Value Added ATA Disk Module ?
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
Value Added ATA Disk Module
logo
Wurth Elektronik GmbH &...
749013011 WURTH-749013011 Datasheet
249Kb / 3P
LAN-Transformer WE-LAN 10/100 BaseT PoE
logo
Allied Components Inter...
AHSC-1607PI ALLIED-AHSC-1607PI Datasheet
286Kb / 1P
10/100 Base T PoE LAN Filter Module
logo
Advantech Co., Ltd.
NMC-E01 ADVANTECH-NMC-E01 Datasheet
438Kb / 1P
4 of GbE ports with PoE module
17-May-2018
NMC-E02 ADVANTECH-NMC-E02 Datasheet
442Kb / 1P
4 of GbE ports with PoE module
3-Dec-2019
logo
Wurth Elektronik GmbH &...
749013011 WURTH-749013011_V01 Datasheet
248Kb / 3P
LAN-Transformer WE-LAN 10/100 BaseT PoE
2012-09-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com