Electronic Components Datasheet Search
  English  ▼

X  

STM32F207VCY7VTR Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F207VCY7VTR
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY7VTR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F207VCY7VTR Datasheet HTML 62Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 63Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 64Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 65Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 66Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 67Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 68Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 69Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 184 page
background image
Port H
PH0 -
OSC_IN
--
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PH1 -
OSC_OUT
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PH2
-
-
-
-
-
-
-
-
ETH _MII_CRS
-
-
-
EVENTOUT
PH3
-
-
-
-
-
-
-
-
ETH _MII_COL
-
-
-
EVENTOUT
PH4
-
-
I2C2_SCL
-
-
-
-
-
OTG_HS_ULPI_N
XT
-
-
-
-
EVENTOUT
PH5
-
-
I2C2_SDA
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PH6
-
-
I2C2_SMBA
-
-
-
-
TIM12_CH1
-
ETH _MII_RXD2
-
-
-
EVENTOUT
PH7
-
-
I2C3_SCL
-
-
-
-
-
-
ETH _MII_RXD3
-
-
-
EVENTOUT
PH8
-
-
I2C3_SDA
-
-
-
-
-
-
-
-
DCMI_HSYNC
-
EVENTOUT
PH9
-
-
I2C3_SMBA
-
-
-
-
TIM12_CH2
-
-
-
DCMI_D0
-
EVENTOUT
PH10
-
-
TIM5_CH1
-
-
-
-
-
-
-
-
DCMI_D1
-
EVENTOUT
PH11
-
-
TIM5_CH2
-
-
-
-
-
-
-
-
DCMI_D2
-
EVENTOUT
PH12
-
-
TIM5_CH3
-
-
-
-
-
-
-
-
DCMI_D3
-
EVENTOUT
PH13
-
-
TIM8_CH1N
-
-
-
-
CAN1_TX
-
-
-
-
-
EVENTOUT
PH14
-
-
TIM8_CH2N
-
-
-
-
-
-
-
-
DCMI_D4
-
EVENTOUT
PH15
-
-
TIM8_CH3N
-
-
-
-
-
-
-
-
DCMI_D11
-
EVENTOUT
Port I
PI0
-
-
TIM5_CH4
SPI2_NSS
I2S2_WS
-
-
-
-
-
-
-
DCMI_D13
-
EVENTOUT
PI1
-
-
SPI2_SCK
I2S2_SCK
-
-
-
-
-
-
-
DCMI_D8
-
EVENTOUT
PI2
-
-
TIM8_CH4
SPI2_MISO
-
-
-
-
-
-
-
DCMI_D9
-
EVENTOUT
PI3
-
-
TIM8_ETR
SPI2_MOSI
I2S2_SD
-
-
-
-
-
-
-
DCMI_D10
-
EVENTOUT
PI4
-
-
TIM8_BKIN
-
-
-
-
-
-
-
-
DCMI_D5
-
EVENTOUT
PI5
-
-
TIM8_CH1
-
-
-
-
-
-
-
-
DCMI_VSYNC
-
EVENTOUT
PI6
-
-
TIM8_CH2
-
-
-
-
-
-
-
-
DCMI_D6
-
EVENTOUT
PI7
-
-
TIM8_CH3
-
-
-
-
-
-
-
-
DCMI_D7
-
EVENTOUT
PI8
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PI9
-
-
-
-
-
-
CAN1_RX
-
-
-
-
-
EVENTOUT
PI10
-
-
-
-
-
-
-
-
ETH _MII_RX_ER
-
-
-
EVENTOUT
PI11
-
-
-
-
-
-
-
OTG_HS_ULPI_
DIR
-
-
-
-
EVENTOUT
Table 10. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3 SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More