Electronic Components Datasheet Search
  English  ▼

X  

KMBX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KMBX
Description  Overall Size 1/3 of Standard USB Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KMBX Datasheet(HTML) 1 Page - Kycon, Inc.

  KMBX_V01 Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KMBX-SMT Series
Dimensions in mm
1.50 typ.
2.95
5.50
9.20
6.90
pin 5
4.40
5.90
0.80 typ.
0.35 typ.
Locating posts
Optional
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
UNIVERSAL SERIAL BUS: KMBX Series
Mini USB B Type Socket
Product Features
Overall Size 1/3 of Standard USB
Surface Mount
Indentations for Grounding and Mating Retention
Meets USB 2.0 Specification
Contact Area with Gold Plating
CSA/NRTL/US Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Insulator
High Temperature Thermoplastic, UL94V-0 Rated
Contacts
Phosphor Bronze
Plating
30
µ" Gold on Contact Area 3.8um (150µ")
Tin over Solder Tail, all over 1.27um (50
µ") Nickel
Shell
Copper Alloy, Tin Plating
Electrical Characteristics
Rated Voltage
: 30V AC (rms)
Rated Current
: 1A
Contact Resistance: 50 milliohms Max
Insulation Resistance: 100 Megohms Min.
Dielectric Withstanding Voltage: 100V AC
Operating
Temperature: See Drawing
Series
KMBX - Mini USB B Type
Mounting Option
SMT - Surface Mount with Locating Posts
Number of Contacts
5S - 5 Pin Socket
Shield Option
S
- Shielded
Plating Option
30 - 30
µ" Gold Plating
Packaging
TR - Tape and Reel
Generated Part Number
Part Number Builder
Series
No. of
Contacts
Shield
Option
Plating
Option
Packaging
Option
Mounting
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
KMBX-SMT-5S-S-30TR
KMBX
SMT
5S
S
30
TR


Similar Part No. - KMBX_V01

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KMBX-SMT-5S-S-30-TR KYCON-KMBX-SMT-5S-S-30-TR Datasheet
434Kb / 1P
Mini USB B Type Socket
KMBX-SMT-5S-S-30-TRMT KYCON-KMBX-SMT-5S-S-30-TRMT Datasheet
434Kb / 1P
Mini USB B Type Socket
More results

Similar Description - KMBX_V01

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2530 VECTRON-C2530 Datasheet
248Kb / 5P
Wide Frequency range EFC Standard Standard Surface Mount Package Meets Stratum 3
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
logo
Frontier Electronics.
AT2450E7512AT FRONTIER-AT2450E7512AT Datasheet
1Mb / 3P
Surface mount ceramic antenna with a small size of 19 X 3 X 4 mm.
AT2450E7512BT FRONTIER-AT2450E7512BT Datasheet
396Kb / 3P
Surface mount ceramic antenna with a small size of 19 X 3 X 3.8 mm.
logo
Grayhill, Inc
97C08SRT GRAYHILL-97C08SRT Datasheet
110Kb / 1P
Half the Size of Standard DIP Switches
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
Hirose Electric
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
logo
Shanghai Leiditech Elec...
PL631-30 LEIDITECH-PL631-30 Datasheet
557Kb / 3P
Surface mount, small size
PL631S LEIDITECH-PL631S Datasheet
496Kb / 3P
Surface mount, small size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com