Electronic Components Datasheet Search
  English  ▼

X  

0829966 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0829966
Description  US-WMT (12X4) OG CUS - Cable marker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0829966 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0829966 Datasheet HTML 1Page - PHOENIX CONTACT 0829966 Datasheet HTML 2Page - PHOENIX CONTACT 0829966 Datasheet HTML 3Page - PHOENIX CONTACT 0829966 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Card, can be ordered: by card, orange, labeled according to customer
specifications, cable diameter range: 0.6 ... 10 mm, mounting type: insert, Number of individual
labels: 98, text field height: 4 mm, text field width: 12 mm
Your advantages
The US-WMT ... UniSheet labeling range includes markers for conductor marking with marking collars from the PATG/PATO ... system
•
Labeling service: Phoenix Contact can custom-label all UniSheet markers according to your requirements
•
Commercial data
Item number
0829966
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8129
GTIN
4046356612906
Weight per piece (including packing)
12.31 g
Weight per piece (excluding packing)
12.31 g
Country of origin
PL
US-WMT (12X4) OG CUS - Cable marker
0829966
https://www.phoenixcontact.com/us/products/0829966
Jul 15, 2025, 1:08AM
Page 1 (4)


Similar Part No. - 0829966

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829960 PHOENIX-0829960 Datasheet
187Kb / 4P
US-WMT (10X4) YE CUS - Cable marker
0829961 PHOENIX-0829961 Datasheet
186Kb / 4P
US-WMT (10X4) VT CUS - Cable marker
0829963 PHOENIX-0829963 Datasheet
186Kb / 4P
US-WMT (10X4) GN CUS - Cable marker
0829964 PHOENIX-0829964 Datasheet
181Kb / 4P
US-WMT (12X4) CUS - Cable marker
0829965 PHOENIX-0829965 Datasheet
189Kb / 4P
US-WMT (12X4) RD CUS - Cable marker
More results

Similar Description - 0829966

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273830 PHOENIX-3273830 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 OG
0824584 PHOENIX-0824584 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 OG CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824936 PHOENIX-0824936 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/OG CUS
0825002 PHOENIX-0825002 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/OG CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com