Electronic Components Datasheet Search
  English  ▼

X  

AD5762R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5762R
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5762R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5762R Datasheet HTML 23Page - Analog Devices AD5762R Datasheet HTML 24Page - Analog Devices AD5762R Datasheet HTML 25Page - Analog Devices AD5762R Datasheet HTML 26Page - Analog Devices AD5762R Datasheet HTML 27Page - Analog Devices AD5762R Datasheet HTML 28Page - Analog Devices AD5762R Datasheet HTML 29Page - Analog Devices AD5762R Datasheet HTML 30Page - Analog Devices AD5762R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Preliminary Technical Data
AD5762R
Rev. PrA | Page 27 of 33
OFFSET AND GAIN ADJUSTMENT WORKED
EXAMPLE
Using the information provided in the previous section, the
following worked example demonstrates how the AD5762R
functions can be used to eliminate both offset and gain errors.
As the AD5762R is factory calibrated, offset and gain errors
should be negligible. However, errors can be introduced by the
system that the AD5762R is operating within, for example, a
voltage reference value that is not equal to +5 V introduces a
gain error. An output range of ±10 V and twos complement
data coding is assumed.
Removing Offset Error
The AD5762R can eliminate an offset error in the range of −4.88
mV to +4.84 mV with a step size of ⅛ of a 16-bit LSB.
Calculate the step size of the offset adjustment,
µV
Size
Step
Adjust
Offset
14
.
38
8
2
20
16
=
×
=
Measure the offset error by programming 0x0000 to the data
register and measuring the resulting output voltage, for this
example the measured value is +614 µV.
How many offset adjustment steps does this value represent?
Steps
µV
µV
Size
Step
Offset
Value
Offset
Measured
Steps
of
Number
16
14
.
38
614
=
=
=
The offset error measured is positive, therefore, a negative
adjustment of 16 steps is required. The offset register is 8 bits
wide and the coding is twos complement. The required offset
register value can be calculated as follows:
Convert adjustment value to binary; 00010000.
Convert this to a negative twos complement number by
inverting all bits and adding 1; 11110000.
11110000 is the value that should be programmed to the offset
register.
Note:
This twos complement conversion is not necessary in the
case of a positive offset adjustment. The value to be
programmed to the offset register is simply the binary
representation of the adjustment value.
Removing Gain Error
The AD5762R can eliminate a gain error at negative full-scale
output in the range of −9.77 mV to +9.46 mV with a step size of
½ of a 16-bit LSB.
Calculate the step size of the gain adjustment
µV
Size
Step
Adjust
Gain
59
.
152
2
2
20
16
=
×
=
Measure the gain error by programming 0x8000 to the data
register and measuring the resulting output voltage. The gain
error is the difference between this value and −10 V, for this
example, the gain error is −1.2 mV.
How many gain adjustment steps does this value represent?
Steps
µV
mV
Size
Step
Gain
Value
Gain
Measured
Steps
of
Number
8
59
.
152
2
.
1
=
=
=
The gain error measured is negative (in terms of magnitude);
therefore, a positive adjustment of eight steps is required. The
gain register is 6 bits wide and the coding is twos complement,
the required gain register value can be determined as follows:
Convert adjustment value to binary; 001000.
The value to be programmed to the gain register is simply this
binary number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com